Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DEVR01-5-S8-1024-R2 Datasheet(PDF) 1 Page - Solid State Supplies.

Part # DEVR01-5-S8-1024-R2
Description  HVDC Contactor 10A / 1000VDC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURAKOOL [Solid State Supplies.]
Direct Link  https://www.durakool.com/
Logo DURAKOOL - Solid State Supplies.

DEVR01-5-S8-1024-R2 Datasheet(HTML) 1 Page - Solid State Supplies.

  DEVR01-5-S8-1024-R2 Datasheet HTML 1Page - Solid State Supplies. DEVR01-5-S8-1024-R2 Datasheet HTML 2Page - Solid State Supplies.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DEVR01 Series
HVDC Contactor 10A / 1000VDC
1
Specifications are subject to change without notice. E&OE.
See website for contact details: www.durakool.com
DEVR01 16-APR-2026FW
•
HVDC 10A at 1000VDC
•
Max. switching current = 300A
•
Contacts sealed in inert gas
•
Magnet arc blowout
•
Pre-charge relay
•
Female M4 power terminals
•
Non-polarised (bi-directional) design
ü
RoHS
Compliant
Contacts
Ordering Code
Contact arrangement
SPST-NO-DM
Contact material
T2+Ag
D E V R 0 1 - 5
- S 8 - 1 0 2 4 - R 1
Max. switching voltage
AC/DC 1000VDC
Rated load (resistive, cos φ=1)
DC1 10A 1000VDC
Series
Coil code:
Max. continuous thermal current
600s 18A
See table 1
30s 45A
Contact material
Max switching current
1 time only 300A 450VDC
50: T2+Ag
Initial contact resistance
max. 30mΩ (at 1A)
typ. 1mΩ (at 1A)
Coil
Contact arrangement
Rated voltage (see page 2)
DC 12~48VDC
81: SPST-NO (no polarity)
Rated power consumption
hold 3.2W @ 12VDC
Insulation
Insulation resistance
initial 100MΩ (min.)
Mounting & terminations
life end 50MΩ (max.)
Bottom flange mounting base
Dielectric strength
coil to contact 3500Vrms / 10mA / 1 min (at sea level)
S8: M4 Female power terminals
contact to contact 3500Vrms / 10mA / 1 min (at sea level)
Coil by flying leads
General Data
Operate time at 23°C
max. 30ms
Coil wire length
Bounce time at 23°C
max. 7ms
R: 400mm (standard)
Release time at 23°C
max. 12ms
T: 5.9” (150mm)
Electrical life
Voltage and current dependent - see fig. 1
Mechanical life
2 x 105
Coil wire & auxiliary contact termination
Environmental
1: None
Environmental Seal
IP67
2: Yazaki 7282-5558-10 Male, fitted to coil wires only.
Ambient temperature
operating -40 to +85°C
Other terminations to special order
Relative humidity
5 to 95%RH
Shock resistance
20G peak, 11ms 1/2 sine
Vibration resistance
20G sine peak (80 to 2000Hz)
Version:
Dimensions
L x W x H 37.2 x 51.26 (over flanges) x 47.82 (approx.)
/1: Version 1
Weight
approx. 120g ±5g
*Image is for illustrative purposes only. Please refer to datasheet for detail.
DEVR01-5081-S8-1024-R1/ 1
E305753


Similar Part No. - DEVR01-5-S8-1024-R2

ManufacturerPart #DatasheetDescription
logo
Solid State Supplies.
DEVR03-5081-S8-1012-R1 DURAKOOL-DEVR03-5081-S8-1012-R1 Datasheet
833Kb / 2P
HVDC Contactor 30A / 1000VDC
DEVR03-5081-S8-1012-R2 DURAKOOL-DEVR03-5081-S8-1012-R2 Datasheet
833Kb / 2P
HVDC Contactor 30A / 1000VDC
DEVR03-5081-S8-1012-T1 DURAKOOL-DEVR03-5081-S8-1012-T1 Datasheet
833Kb / 2P
HVDC Contactor 30A / 1000VDC
DEVR03-5081-S8-1012-T2 DURAKOOL-DEVR03-5081-S8-1012-T2 Datasheet
833Kb / 2P
HVDC Contactor 30A / 1000VDC
DEVR03-5081-S8-1024-R1 DURAKOOL-DEVR03-5081-S8-1024-R1 Datasheet
833Kb / 2P
HVDC Contactor 30A / 1000VDC
More results

Similar Description - DEVR01-5-S8-1024-R2

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
MA-XD-3W MICRODC-MA-XD-3W Datasheet
961Kb / 2P
1000VDC Isolated 3WDual&single output DIP24 Converters
MA-XD-6W MICRODC-MA-XD-6W Datasheet
862Kb / 2P
1000VDC Isolated 6WDual&single output DIP24 Converters
MB0505XD-3W MICRODC-MB0505XD-3W Datasheet
973Kb / 2P
1000VDC Isolated 3WDual&single output DIP24 Converters
logo
List of Unclassifed Man...
EFRG-P2657H ETC2-EFRG-P2657H Datasheet
336Kb / 2P
1U HVDC 650W Server Power Supply
logo
Murata Power Solutions ...
D1U54-HD-1200-12-HA4C MURATA-PS-D1U54-HD-1200-12-HA4C Datasheet
452Kb / 8P
54mm 1U Front End HVDC Power Supply Converter
logo
Cooper Bussmann, Inc.
PV-1A10F COOPER-PV-1A10F Datasheet
909Kb / 6P
10x38mm photovoltaic fuses 1000Vdc, 1-30A
logo
Soshin electric Co., Lt...
HF2000E-SJB SOSHIN-HF2000E-SJB Datasheet
390Kb / 4P
DC 1000VDC
NF2000E-SJB SOSHIN-NF2000E-SJB Datasheet
380Kb / 4P
DC 1000VDC For DC line, large solar panel
logo
XP Power Limited
HRL30 XPPOWER-HRL30 Datasheet
431Kb / 6P
DC-HVDC Converter
logo
Bel Fuse Inc.
0ALA BEL-0ALA Datasheet
347Kb / 3P
1000VDC, Fast Acting Fuse
Rev. 0ALA Mar2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com