Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M28W800CB85N1T Datasheet(PDF) 33 Page - STMicroelectronics

Part # M28W800CB85N1T
Description  8 Mbit 512Kb x16, Boot Block 3V Supply Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W800CB85N1T Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M28W800CB85N1T Datasheet HTML 29Page - STMicroelectronics M28W800CB85N1T Datasheet HTML 30Page - STMicroelectronics M28W800CB85N1T Datasheet HTML 31Page - STMicroelectronics M28W800CB85N1T Datasheet HTML 32Page - STMicroelectronics M28W800CB85N1T Datasheet HTML 33Page - STMicroelectronics M28W800CB85N1T Datasheet HTML 34Page - STMicroelectronics M28W800CB85N1T Datasheet HTML 35Page - STMicroelectronics M28W800CB85N1T Datasheet HTML 36Page - STMicroelectronics M28W800CB85N1T Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
33/49
M28W800CT, M28W800CB
REVISION HISTORY
Table 23. Document Revision History
Date
Version
Revision Details
January 2001
-01
First Issue
10-May-2001
-02
Completely rewritten and restructured, 70ns and 85ns speed class added.
29-May-2001
-03
Corrections to CFI data and Block Address Table.
31-May-2001
-04
Package changes - TFBGA45 replaced by TFBGA46.
02-Jul-2001
-05
Corrections to Table 3. Commands (Lock, Unlock, Lock-Down)
31-Oct-2001
-06
Document status changed from Preliminary Data to Datasheet
VDDQ Maximum changed to 3.3V
Commands Table, Read CFI Query Address on 1st cycle changed to ‘X’ (Table 3)
tWHEL description clarified (Table 16)
16-May-2002
-07
VDDQ Maximum changed to 3.6V, TFBGA package dimensions added to description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com