Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DG55M-5021-75-1012-R Datasheet(PDF) 1 Page - Solid State Supplies.

Part # DG55M-5021-75-1012-R
Description  Electric Vehicle Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURAKOOL [Solid State Supplies.]
Direct Link  https://www.durakool.com/
Logo DURAKOOL - Solid State Supplies.

DG55M-5021-75-1012-R Datasheet(HTML) 1 Page - Solid State Supplies.

  DG55M-5021-75-1012-R Datasheet HTML 1Page - Solid State Supplies. DG55M-5021-75-1012-R Datasheet HTML 2Page - Solid State Supplies.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DG55M Series
Electric Vehicle Relay
1
Specifications are subject to change without notice. E&OE.
See website for contact details: www.durakool.com
DG55M 041824JHM
•
General purpose automotive or electric vehicle relays
•
Up to 20A @ 80VDC switch capability (100K ops.)
•
40A continuous DC current capacity (at 23°C)
•
Fits standard Mini-ISO relay sockets
•
Made from UL94-V0 approved plastic
•
Special terminal arrangement - “ordinary” Mini-ISO
relay inserted in DG55M socket will be safe
ü
ROHS
Compliant
Contacts
Ordering Code
Contact arrangement
SPST-NO (1 Form A)
Contact material
AgSnO
2
D G 5 5 M - 5 0 2 1 - 9 6 - 1 0 1 2 - M1 - R
Max. switching voltage
DC 110VDC - current dependent (see Fig. 2)
Contact rating
12VDC
80VDC
Series
Coil code:
Max. continuous current*
SPST-NO
40A
20A
See table 1
Max. switching current - make (inrush)* SPST-NO
120A
120A
Contact material
Max. switching current - break*
SPST-NO
60A
20A
50: AgSnO
2
Min. switching current
1A/5VDC
* At ambient 23°C. At ambient 85°C, max. continuous current at 80VDC =8A
Contact arrangement
Initial contact resistance
<100mΩ at 0.1A/6VDC
21: SPST-NO
Coil
(1N/O, 1 Form A)
Rated voltage
DC 12V, 24V, 48V
Must release voltage
0.10Un - see coil table 1 for more information.
Mounting & terminations IP54
Operating range of supply voltage
See coil table 1
7: Dust cover
Rated power consumption
2W
9: Dust cover Bracket mount
Insulation
(option M1 only)
Insulation resistance
100MΩ at 500VDC, 50%RH, 25°C
Dielectric strength
coil to contact 600Vrms / 1 min
Connection mode
General Data
5. PCB pins
Operate time
≤ 10msec
6: Flat blades (6.35mm)
Release time
≤ 12msec
Electrical Life
ops. 1x105 (20A@ 80VDC, 1sec ON/1sec OFF, resistive)
Options 1
Mechanical life
ops. 1 x 107
Blank: No options
Environmental
M1:
Metal bracket (Supplied fitted as standard. Consult
Environmental protection
IP54 Dust cover
factory for brackets supplied loose).
Ambient temperature
operating -40 to +85°C - Consult factory for above 85°C
storage -40 to +155°C
Options 2
Shock resistance
destructive 196m/s2(20g)
Blank: No options
functional 98m/s2(10g)
R:
Integral resistor
Vibration resistance
10 to 40Hz DA 1.27mm; 40 - 70Hz:5g /
D:
Integral diode +85, -86
70-100Hz DA 0.5mm, 100 - 500Hz:5g
DR:
Integral diode -85, +86 (Standard)
Dimensions
L x W x H 25.9 x 25.9 x 24.9mm (excluding terminals)
Weight
approx. 34g approx.
NB: This product contains a magnet.


Similar Part No. - DG55M-5021-75-1012-R

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
DG55M-5021-76-1012-M1D WILLOW-DG55M-5021-76-1012-M1D Datasheet
288Kb / 3P
electric vehicle relay
DG55M-5021-76-1012-M1DR WILLOW-DG55M-5021-76-1012-M1DR Datasheet
288Kb / 3P
electric vehicle relay
DG55M-5021-76-1012-M1NIL WILLOW-DG55M-5021-76-1012-M1NIL Datasheet
288Kb / 3P
electric vehicle relay
DG55M-5021-76-1012-M1R WILLOW-DG55M-5021-76-1012-M1R Datasheet
288Kb / 3P
electric vehicle relay
DG55M-5021-76-1012-NILD WILLOW-DG55M-5021-76-1012-NILD Datasheet
288Kb / 3P
electric vehicle relay
More results

Similar Description - DG55M-5021-75-1012-R

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CA-COM ITT-CA-COM Datasheet
84Kb / 1P
Construction Equipment Electric Vehicle
logo
American Electronic Com...
HHC71-4 AEC-HHC71-4 Datasheet
431Kb / 3P
Electric Vehicle Motor Control
logo
Willow Technologies Ltd
DEVR20 WILLOW-DEVR20 Datasheet
765Kb / 4P
Electric Vehicle Contactor
DEVR40 WILLOW-DEVR40 Datasheet
651Kb / 4P
Electric Vehicle Contactor
DEVR10 WILLOW-DEVR10 Datasheet
501Kb / 3P
Electric Vehicle Contactor
DG55M WILLOW-DG55M Datasheet
288Kb / 3P
electric vehicle relay
logo
Bel Fuse Inc.
0AKL BEL-0AKL Datasheet
433Kb / 3P
Electric Vehicle Auxiliary Fuses
Rev. 0AKL Sep2022
0AKM BEL-0AKM Datasheet
340Kb / 3P
Electric Vehicle Auxiliary Fuses
Rev. 0AKM Aug2022
0AKN BEL-0AKN Datasheet
460Kb / 3P
Electric Vehicle Power Fuses
Rev. 0AKN Feb2022
0ALE BEL-0ALE Datasheet
324Kb / 3P
Electric vehicle auxiliary fuses
Rev. 0ALE Jun2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com