Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP2617BGL-Z Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP2617BGL-Z
Description  3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2617BGL-Z Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP2617BGL-Z Datasheet HTML 4Page - Monolithic Power Systems MP2617BGL-Z Datasheet HTML 5Page - Monolithic Power Systems MP2617BGL-Z Datasheet HTML 6Page - Monolithic Power Systems MP2617BGL-Z Datasheet HTML 7Page - Monolithic Power Systems MP2617BGL-Z Datasheet HTML 8Page - Monolithic Power Systems MP2617BGL-Z Datasheet HTML 9Page - Monolithic Power Systems MP2617BGL-Z Datasheet HTML 10Page - Monolithic Power Systems MP2617BGL-Z Datasheet HTML 11Page - Monolithic Power Systems MP2617BGL-Z Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
MP2617A, MP2617B
– SINGLE CELL SWITCHING CHARGER WITH POWER PATH
MP2617A, MP2617B Rev. 1.25
www.MonolithicPower.com
8
8/14/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 5.0V, TA = 25C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
ISET Reference Voltage
1.1
1.15
1.2
V
Battery UVLO
Rising
2.4
2.6
2.8
V
Falling
2.2
2.4
2.6
V
Idea Diode Regulation Voltage
VSYS
Supplement Mode
VBATT-
65mV
mV
BATT Leakage Current
IBATT
VBATT=4.2V, SYS float,
VIN=PGND
20
30
µA
ACOK
__________
, CHGOK
_____________
ACOK
__________
, CHGOK
_____________
Pin Output
Low Voltage
Sinking 5mA
270
350
mV
ACOK
__________
,CHGOK
_____________
Pin Leakage
Current
Connected to 3.3V
0.1
0.5
μA
Timer
Trickle Charge Time
CTMR=0.1µF, ICHG=1A
45
Min
CC Charge Time
CTMR=0.1µF, ICHG=1A
6.5
Hour
Negative Temperature Coefficient (NTC) Control
NTC Low Temp Rising
Threshold
VTHL
RNTC=NCP18XH103F 0°C
63
65
67
%VCC
Hysteresis on Low Temp
Threshold
35
mV
NTC High Temp Falling
Threshold
VTHH
RNTC=NCP18XH103F, 50°C
32
33.5
35
%VCC
Hysteresis on High Temp
Threshold
70
mV
VCC Supply
VCC UVLO
Rising
3.15
3.35
3.55
V
Falling
2.8
3
3.2
V
VCC Output Voltage
0mA<IVCC<25mA, VIN=6V
4.3
4.5
4.6
V
VCC Output Current Limit
40
mA
Logic
EN Input Low Voltage
0.4
V
EN Input High Voltage
1.5
V
EN Input Current
EN =4V
4
8
μA
EN =0V
-0.5
-0.1
M0, M1
Logic High
1.5
V
Logic Low
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com