Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS7352 Datasheet(PDF) 1 Page - amphenol-sensors

Part # JS7352
Description  Self-Adhering Surface Temperature Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLADVANCEDSENSORS [amphenol-sensors]
Direct Link  https://www.amphenol-sensors.com/en/
Logo AMPHENOLADVANCEDSENSORS - amphenol-sensors

JS7352 Datasheet(HTML) 1 Page - amphenol-sensors

  JS7352 Datasheet HTML 1Page - amphenol-sensors JS7352 Datasheet HTML 2Page - amphenol-sensors JS7352 Datasheet HTML 3Page - amphenol-sensors JS7352 Datasheet HTML 4Page - amphenol-sensors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Self-Adhering
Surface
Temperature
Sensors
Thermometrics range of Self-Adhering Surface
Temperature Sensors are designed for industrial
HVACR applications, typically for placement
on the external wall of a water tank or boiler
reservoirs. They are also suitable for reservoir
tanks working in conjunction with solar panel
water heating systems. This range of adhesive pad
sensors detect over-temperature resulting from a
malfunction or a dry-fire.
Pressure sensitive adhesive tapes loaded
with ceramic powders provide high thermal
conductivity and thus excellent heat transfer
from the heat source to a NTC thermistor while
maintaining appropriate levels of dielectric
strength. An adhesive lined foam backing tape
provides air and moisture resistance with optional
WRC (5470) water safety and DIN 4102 part 1 (B3)
fire safety approvals.
Features
• Excellent heat transfer
• Long-term stability
• Multiple adhesive tape sizes and shapes
available
• Various lengths
• Temperature ranges from -30 to +70 °C.
• PVC single insulated lead wire, 3x1.5mm cross-
sectional profile.
• Voltage withstand: 750 Vac between the
terminals of the connector and the contact
tape, for a broadly sinusoidal wave form at 50
Hz, where the max permissible current is 1 mA.
Amphenol
Advanced Sensors


Similar Part No. - JS7352

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
JS7-R BEL-JS7-R Datasheet
478Kb / 2P
Time-lag Fuse Series
JS700-R BEL-JS700-R Datasheet
478Kb / 2P
Time-lag Fuse Series
logo
amphenol-sensors
JS7231 AMPHENOLADVANCEDSENSORS-JS7231 Datasheet
344Kb / 4P
Cable Probe Temperature Sensors
03/2014
logo
Bel Fuse Inc.
JS750-R BEL-JS750-R Datasheet
478Kb / 2P
Time-lag Fuse Series
More results

Similar Description - JS7352

ManufacturerPart #DatasheetDescription
logo
Power-One
MQC02052 POWER-ONE-MQC02052 Datasheet
85Kb / 4P
Temperature Sensors
logo
Axiomtek Co., Ltd.
DSH-142 AXIOMTEK-DSH-142 Datasheet
283Kb / 1P
Self diagnosis and built-in sensors
logo
NXP Semiconductors
KTY83120-153 NXP-KTY83120-153 Datasheet
61Kb / 10P
Silicon temperature sensors Silicon temperature sensors
Rev. 06-4 April 2008
logo
List of Unclassifed Man...
SM312CVQD ETC2-SM312CVQD Datasheet
3Mb / 3P
Self-contained photoelectric sensors
logo
SICK AG
TCT-1AATE2506MZ SICK-TCT-1AATE2506MZ Datasheet
277Kb / 5P
TEMPERATURE SENSORS
2017-03-14
THTS-1PAD50506MZ SICK-THTS-1PAD50506MZ Datasheet
810Kb / 7P
TEMPERATURE SENSORS
2017-03-14
THTS-1PAT11006MZ SICK-THTS-1PAT11006MZ Datasheet
810Kb / 7P
TEMPERATURE SENSORS
2017-03-14
THTS-1PAT20506MZ SICK-THTS-1PAT20506MZ Datasheet
810Kb / 7P
TEMPERATURE SENSORS
THTS-1PAVF0506MZ SICK-THTS-1PAVF0506MZ Datasheet
809Kb / 7P
TEMPERATURE SENSORS
TSP-1MAG10405MZ SICK-TSP-1MAG10405MZ Datasheet
299Kb / 4P
TEMPERATURE SENSORS
2017-03-29
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com