Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F101T4T6A Datasheet(PDF) 19 Page - STMicroelectronics

Part # STM32F101T4T6A
Description  Low-density access line, ARM®-based 32 bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101T4T6A Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STM32F101T4T6A Datasheet HTML 15Page - STMicroelectronics STM32F101T4T6A Datasheet HTML 16Page - STMicroelectronics STM32F101T4T6A Datasheet HTML 17Page - STMicroelectronics STM32F101T4T6A Datasheet HTML 18Page - STMicroelectronics STM32F101T4T6A Datasheet HTML 19Page - STMicroelectronics STM32F101T4T6A Datasheet HTML 20Page - STMicroelectronics STM32F101T4T6A Datasheet HTML 21Page - STMicroelectronics STM32F101T4T6A Datasheet HTML 22Page - STMicroelectronics STM32F101T4T6A Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 87 page
background image
DocID15058 Rev 6
19/87
STM32F101x4, STM32F101x6
Description
86
output compare, PWM or one pulse mode output. This gives up to 12 input captures / output
compares / PWMs on the largest packages.
The general-purpose timers can work together via the Timer Link feature for synchronization
or event chaining. Their counter can be frozen in debug mode. Any of the general-purpose
timers can be used to generate PWM outputs. They all have independent DMA request
generation.
These timers are capable of handling quadrature (incremental) encoder signals and the
digital outputs from 1 to 3 hall-effect sensors.
2.3.19
I²C bus
The I²C bus interface can operate in multimaster and slave modes. It can support standard
and fast modes.
It supports dual slave addressing (7-bit only) and both 7/10-bit addressing in master mode.
A hardware CRC generation/verification is embedded.
The interface can be served by DMA and it supports SM Bus 2.0/PM Bus.
2.3.20
Universal synchronous/asynchronous receiver transmitter (USART)
The available USART interfaces communicate at up to 2.25 Mbit/s. They provide hardware
management of the CTS and RTS signals, support IrDA SIR ENDEC, are ISO 7816
compliant and have LIN Master/Slave capability.
The USART interfaces can be served by the DMA controller.
2.3.21
Serial peripheral interface (SPI)
The SPI interface is able to communicate up to 18 Mbit/s in slave and master modes in full-
duplex and simplex communication modes. The 3-bit prescaler gives 8 master mode
frequencies and the frame is configurable to 8 bits or 16 bits. The hardware CRC
generation/verification supports basic SD Card/MMC modes.
The SPI interface can be served by the DMA controller.
2.3.22
GPIOs (general-purpose inputs/outputs)
Each of the GPIO pins can be configured by software as output (push-pull or open-drain), as
input (with or without pull-up or pull-down) or as peripheral alternate function. Most of the
GPIO pins are shared with digital or analog alternate functions. All GPIOs are high current-
capable.
The I/Os alternate function configuration can be locked if needed following a specific
sequence in order to avoid spurious writing to the I/Os registers.
2.3.23
ADC (analog to digital converter)
The 12-bit analog to digital converter has up to 16 external channels and performs
conversions in single-shot or scan modes. In scan mode, automatic conversion is performed
on a selected group of analog inputs.
The ADC can be served by the DMA controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com