Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP150N03D Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP150N03D
Description  30V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP150N03D Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP150N03D Datasheet HTML 1Page - A POWER MICROELECTRONICS AP150N03D Datasheet HTML 2Page - A POWER MICROELECTRONICS AP150N03D Datasheet HTML 3Page - A POWER MICROELECTRONICS AP150N03D Datasheet HTML 4Page - A POWER MICROELECTRONICS AP150N03D Datasheet HTML 5Page - A POWER MICROELECTRONICS AP150N03D Datasheet HTML 6Page - A POWER MICROELECTRONICS AP150N03D Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP150N03D
30V N-Channel Enhancement Mode MOSFET
AP150N03D REV3.9
永源微電子科技有限公司
Description
The AP150N03D uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS=30V ID =150A
RDS(ON) < 3.0mΩ @ VGS=10V
(Type:2.2mΩ)
Application
Battery protection
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP150N03D
AP150N03D XXX
TO252-3L
YYYY
2500
Absolute Maximum Ratings (TC=25
℃ unless otherwise specified)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
30
V
VGS
Gate-Source Voltage
±20
V
ID@TC=25
℃
Continuous Drain Current, VGS @ 10V1,6
155
A
ID@TC=100
℃
Continuous Drain Current, VGS @ 10V1,6
110
A
IDM
Pulsed Drain Current2
310
A
EAS
Single Pulse Avalanche Energy3
246
mJ
IAS
Avalanche Current
48
A
PD@TC=25
℃
Total Power Dissipation4
89.3
W
TSTG
Storage Temperature Range
-55 to 175
℃
TJ
Operating Junction Temperature Range
-55 to 175
℃
RθJA
Thermal Resistance Junction-Ambient 1
62
℃/W
RθJC
Thermal Resistance Junction-Case1
1.4
℃/W


Similar Part No. - AP150N03D

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP150N03NF APME-AP150N03NF Datasheet
1Mb / 7P
30V N-Channel Enhancement Mode MOSFET
AP150N03P APME-AP150N03P Datasheet
1Mb / 7P
30V N-Channel Enhancement Mode MOSFET
REV3.9
AP150N03PT APME-AP150N03PT Datasheet
1Mb / 7P
30V N-Channel Enhancement Mode MOSFET
REV3.9
AP150N03T APME-AP150N03T Datasheet
1Mb / 7P
30V N-Channel Enhancement Mode MOSFET
REV3.9
More results

Similar Description - AP150N03D

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A14F ZETEX-ZXMN3A14F Datasheet
209Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3400N3 CYSTEKEC-MTN3400N3 Datasheet
657Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN3024LSS DIODES-DMN3024LSS Datasheet
311Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K14N3 CYSTEKEC-MTN3K14N3 Datasheet
625Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K16N3 CYSTEKEC-MTN3K16N3 Datasheet
518Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN351AN3 CYSTEKEC-MTN351AN3 Datasheet
474Kb / 5P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K01N3 CYSTEKEC-MTN3K01N3 Datasheet
319Kb / 8P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXM64N03X DIODES-ZXM64N03X Datasheet
337Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
OCTOBER 2005
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com