Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP150N04P Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP150N04P
Description  40V N-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP150N04P Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP150N04P Datasheet HTML 1Page - A POWER MICROELECTRONICS AP150N04P Datasheet HTML 2Page - A POWER MICROELECTRONICS AP150N04P Datasheet HTML 3Page - A POWER MICROELECTRONICS AP150N04P Datasheet HTML 4Page - A POWER MICROELECTRONICS AP150N04P Datasheet HTML 5Page - A POWER MICROELECTRONICS AP150N04P Datasheet HTML 6Page - A POWER MICROELECTRONICS AP150N04P Datasheet HTML 7Page - A POWER MICROELECTRONICS AP150N04P Datasheet HTML 8Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AP150N04PIT
40V N-Channel Enhancement Mode MOSFET
AP150N04P/T RVE1.0
永源微電子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V ID=250μA
40
44
V
IDSS
Zero Gate Voltage Drain Current
VDS=40V, VGS=0V
1
μA
IGSS
Gate-Body Leakage Current
VGS=±20V, VDS=0V
±100
nA
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250μA
1.0
1.8
2.5
V
gFS
Forward Transconductance
VDS=5V, ID=20A
38
S
RDS(ON)
Drain-Source On-State Resistance
VGS=10V, ID=20A
2.4
2.9
mΩ
VGS=4.5V, ID=20A
3.5
4.5
mΩ
Ciss
Input Capacitance
VDS=20V,VGS=0V,
f=1.0MHz
6460
pF
Coss
Output Capacitance
455
pF
Crss
Reverse Transfer Capacitance
276
pF
Rg
Gate resistance
VGS=0V, VDS=0V, f=1.0MHz
0.67
Ω
td(on)
Turn-on Delay Time
VGS=10V, VDS=20V,
RL=1Ω, RGEN=3Ω
18
nS
tr
Turn-on Rise Time
4.4
nS
td(off)
Turn-Off Delay Time
67
nS
tf
Turn-Off Fall Time
9.5
nS
Qg
Total Gate Charge
VGS=10V, VDS=20V, ID=20A
112
nC
Qgs
Gate-Source Charge
16.7
nC
Qgd
Gate-Drain Charge
26.5
nC
ISD
Source-Drain Current (Body
Diode)
144
A
VSD
Forward on Voltage (Note 3)
VGS=0V, IS=20A
1.2
V
trr
Reverse Recovery Time
IF=20A, dI/dt=500A/ s
6
ns
Qrr
Reverse Recovery Charge
IF=20A, dI/dt=500A/ s
14
nC
Note :
1
、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2
、The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3
、The EAS data shows Max. rating . The test condition is VDD=25V,VGS=10V,L=0.1mH,IAS=20A
4
、The power dissipation is limited by 150℃ junction temperature
5
、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com