Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMBT4401-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # MMBT4401-HF
Description  General Purpose Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MMBT4401-HF Datasheet(HTML) 2 Page - Comchip Technology

  MMBT4401-HF Datasheet HTML 1Page - Comchip Technology MMBT4401-HF Datasheet HTML 2Page - Comchip Technology MMBT4401-HF Datasheet HTML 3Page - Comchip Technology MMBT4401-HF Datasheet HTML 4Page - Comchip Technology MMBT4401-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics (at TA=25°C unless otherwise noted)
General Purpose Transistors
Rating and Characteristic Curves (MMBT4401-HF)
Parameter
Conditions
Min.
Max.
Unit
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector-emitter cut-off current
Collector-base cut-off current
Emitter-base cut-off current
DC current gain
60
40
6
100
100
100
V
V
V
nA
nA
nA
Typ.
IC = 10mA, IE = 0
IC = 1mA, IB = 0
IE = 100μA, IC = 0
VCE = 35V, IB = 0
VCB = 60V, IE = 0
VEB = 3V, IC = 0
VCE = 1V, IC = 150mA
100
300
Symbol
VCBO
VCEO
ICEO
ICBO
IEBO
hFE
VEBO
Collector-emitter saturation voltage
Base-emitter saturation voltage
0.40
V
IC = 150mA, IB = 15mA
0.95
V
IC = 150mA, IB = 15mA
VCE(sat)
VBE(sat)
Transition frequency
250
ΜΗz
VCE = 10V, IC = 20mA,
f = 100MHz
Delay time
15
ns
20
ns
VCC = 30V, VBE(off) = 0.2V,
IC = 150mA, IB1 = 15mA
Rise time
Storage time
225
ns
30
ns
VCC = 30V, IC = 150mA,
IB1 = IB2 = 15mA
Fall time
fT
td
tr
tS
tf
QW-JTR91
Page 2
REV:B
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Fig.1 - Static Characteristic
Collector-Emitter Voltage, VCE (V)
0
0
50
100
1
3
4
Collector Current, Ic (mA)
Fig.2 - DC Current Gain
10
1000
100
0.1
1
10
100
2
600
IB=0.05mA
0.1mA
0.15mA
0.2mA
0.25mA
0.3mA
0.35mA
0.4mA
0.45mA
0.5mA
Ta=25°C
VCE= 1V
Ta=125°C
Ta=100°C
Ta=25°C
Ta=-25°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com