Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMBT5401-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # MMBT5401-HF
Description  General Purpose Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MMBT5401-HF Datasheet(HTML) 2 Page - Comchip Technology

  MMBT5401-HF Datasheet HTML 1Page - Comchip Technology MMBT5401-HF Datasheet HTML 2Page - Comchip Technology MMBT5401-HF Datasheet HTML 3Page - Comchip Technology MMBT5401-HF Datasheet HTML 4Page - Comchip Technology MMBT5401-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Parameter
Conditions
Min.
Max.
Unit
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector-base cut-off current
-180
-160
-6
-50
V
V
V
nA
Typ.
IC = -100μAdc, IE = 0
IC = -1mAdc, IB = 0
IE = -10μAdc, IC = 0
VCB = -120Vdc
Electrical Characteristics (at TA=25°C unless otherwise noted)
General Purpose Transistors
Symbol
VCBO
VCEO
ICBO
VEBO
Emitter-emitter cut-off current
DC current gain
80
-50
nA
VEB = -4Vdc
VCE = -5Vdc, IC = -1mA
100
VCE = -5Vdc, IC = -10mA
IEBO
hFE(1)
hFE(2)
Collector-emitter saturation voltage
Base-emitter saturation voltage
Transition frequency
100
-0.2
V
ΜΗz
IC = -10mA, IB = -1mA
VCE = -5Vdc, IC = -10mAdc,
f = 30MHz
50
VCE = -5Vdc, IC = -50mA
-0.5
V
IC = -50mA, IB = -5mA
-1.0
V
IC = -10mA, IB = -1mA
-1.0
V
IC = -50mA, IB = -5mA
VCE(sat)
fT
hFE(3)
VBE(sat)
Rating and Characteristic Curves (MMBT5401-HF)
300
300
Fig.1 - Static Characteristic
Collector-Emitter Voltage, VCE (V)
-0
-5
-3
-6
-5
-0
-10
-15
-20
-25
-1
-2
-4
IB=-0.01mA
-0.02mA
-0.03mA
-0.04mA
-0.05mA
-0.06mA
-0.07mA
-0.08mA
-0.09mA
-0.1mA
Ta=25°C
Collector Current, Ic (mA)
Fig.2 - DC Current Gain
-10
-100
-0.1
10
100
1000
-1
VCE=-5V
Ta=25°C
Ta=-25°C
Ta=100°C
Ta=125°C
Comchip Technology CO., LTD.
REV:C
Page 2
QW-JTR105



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com