Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP240N04TLT2 Datasheet(PDF) 5 Page - A POWER MICROELECTRONICS

Part # AP240N04TLT2
Description  40V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP240N04TLT2 Datasheet(HTML) 5 Page - A POWER MICROELECTRONICS

  AP240N04TLT2 Datasheet HTML 1Page - A POWER MICROELECTRONICS AP240N04TLT2 Datasheet HTML 2Page - A POWER MICROELECTRONICS AP240N04TLT2 Datasheet HTML 3Page - A POWER MICROELECTRONICS AP240N04TLT2 Datasheet HTML 4Page - A POWER MICROELECTRONICS AP240N04TLT2 Datasheet HTML 5Page - A POWER MICROELECTRONICS AP240N04TLT2 Datasheet HTML 6Page - A POWER MICROELECTRONICS AP240N04TLT2 Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AP240N04TLT2
40V N-Channel Enhancement Mode MOSFET
AP240N04TLT2 REV1.0
永源微電子科技有限公司
Package Mechanical Data-TOLLA-8L
Symbol
Dim in mm
Min
Tpy
Max
A
2.20
2.30
2.40
b
0.65
0.75
0.85
C
0.508REF
D
10.25
10.40
10.55
D1
2.85
3.00
3.15
D2
2.95
3.10
3.25
D3
0.75REF
E
9.75
9.90
10.05
E1
9.65
9.80
9.95
E2
8.95
9.10
9.25
E3
7.23
7.40
7.55
e
1.20BSC
F
1.05
1.20
1.35
H
11.55
11.70
11.85
H1
6.03
6.18
6.33
H2
6.85
7.00
7.15
H3
3.00 BSC
L
1.55
1.70
1.85
L1
0.55
0.70
0.85
L2
0.45
0.60
0.75
L3
1.00
1.15
1.30
β
8°
10°
12°
M
0.08REF
K
4.25
4.40
4.55



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com