Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP250N06TLG2 Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP250N06TLG2
Description  60V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP250N06TLG2 Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP250N06TLG2 Datasheet HTML 1Page - A POWER MICROELECTRONICS AP250N06TLG2 Datasheet HTML 2Page - A POWER MICROELECTRONICS AP250N06TLG2 Datasheet HTML 3Page - A POWER MICROELECTRONICS AP250N06TLG2 Datasheet HTML 4Page - A POWER MICROELECTRONICS AP250N06TLG2 Datasheet HTML 5Page - A POWER MICROELECTRONICS AP250N06TLG2 Datasheet HTML 6Page - A POWER MICROELECTRONICS AP250N06TLG2 Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP250N06TLG2
60V N-Channel Enhancement Mode MOSFET
AP250N06TLG2 REV1.0
永源微电子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250µA
60
-
-
V
lGSS
Gate-body Leakage Current
VDS = 0V, VGS = ±20V
-
-
±100
nA
IDSS TJ=25°C
Zero Gate Voltage Drain Current
VDS = 60V, VGS = 0V
1
μA
IDSS TJ=100°C
100
μA
VGS(th)
Gate-Threshold Voltage
VDS = VGS, ID = 250µA
1.2
1.8
2.5
V
RDS(on)
Drain-Source On-Resistance4
VGS = 10V, ID = 20A
-
1.6
2.2
mΩ
VGS = 4.5V, ID = 10A
-
2.1
3.5
gfs
Forward Transconductance4
VDS = 5V, ID = 20A
-
78
-
S
Ciss
Input Capacitance
VDS = 30V, VGS =0V,
f =1MHz
-
4950
-
pF
Coss
Output Capacitance
-
1260
-
Crss
Reverse Transfer Capacitance
-
25
-
RG
Gate Resistance
f =1MHz
-
2.4
-
Ω
Qg
Total Gate Charge
VGS = 10V, VDS = 30V,
ID= 20A
-
73.5
-
nC
Qgs
Gate-Source Charge
-
12.5
-
Qgd
Gate-Drain Charge
-
16
-
td(on)
Turn-on Delay Time
VGS =10V, VDD = 30V,
RG = 3Ω, ID= 20A
-
20
-
ns
tr
Rise Time
-
17
-
td(off)
Turn-off Delay Time
-
84
-
tf
Fall Time
-
25
-
trr
Body Diode Reverse Recovery Time
IF=20A , dI/dt=100A/μs
-
25
-
ns
Qrr
Body Diode Reverse Recovery Charge
-
90
-
nC
VSD
Diode Forward Voltage4
IS = 20A, VGS = 0V
-
-
1.2
V
IS
Continuous Source Current
TC=25°C
-
-
250
A
Note :
1、The data tested by surface mounted on a 1 inch 2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width .The EAS data shows Max. rating .
3、The power dissipation is limited by 175℃ junction temperature
4、EAS condition: TJ=25℃, VDD=48V, VG=10V, RG=25Ω, L=0.1mH, IAS=55A
5、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.
.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com