Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMPDDFH-A01T3 Datasheet(PDF) 16 Page - Abracon Corporation

Part # AMPDDFH-A01T3
Description  FREQUENCY SELECTABLE MEMS OSCILLATORS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AMPDDFH-A01T3 Datasheet(HTML) 16 Page - Abracon Corporation

Back Button AMPDDFH-A01T3 Datasheet HTML 10Page - Abracon Corporation AMPDDFH-A01T3 Datasheet HTML 11Page - Abracon Corporation AMPDDFH-A01T3 Datasheet HTML 12Page - Abracon Corporation AMPDDFH-A01T3 Datasheet HTML 13Page - Abracon Corporation AMPDDFH-A01T3 Datasheet HTML 14Page - Abracon Corporation AMPDDFH-A01T3 Datasheet HTML 15Page - Abracon Corporation AMPDDFH-A01T3 Datasheet HTML 16Page - Abracon Corporation AMPDDFH-A01T3 Datasheet HTML 17Page - Abracon Corporation AMPDDFH-A01T3 Datasheet HTML 18Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
RoHS/RoHS II Compliant
LLC
ABRACON IS
ISO9001-2015
CERTIFIED
5101 Hidden Creek Ln Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
REVISED: 07.02.2018
AMPD-SERIES
MSL = MSL 1
Pb
ESD Sensitive
1.6 x 1.2 x 0.84 mm
2.0 x 1.6 x 0.84 mm
2.5 x 2.0 x 0.84 mm
3.2 x 2.5 x 0.85 mm
FREQUENCY SELECTABLE MEMS OSCILLATORS
FREQUENCY SELECTABLE MEMS OSCILLATORS
PACKAGING
Bulk MOQ= 100pcs/Bag*
T= 1,000pcs/reel (D=180mm)
T3= 3,000pcs/reel (D=180mm)
Affected Package Sizes:
2.0 mm x 1.6 mm VFLGA
* For Quick turn-around programmable sample orders less than MOQ represented above:
Due to the immediate availability of stock and the qty of the order, the parts may be delivered as Cut Tape,
Loose parts in Antistatic Bag or in Tube(s).
For orders greater than MOQ and less than 1000pcs:
Due to packaging, the order must be a multiple of MOQ per package size above
For orders greater than 1000pcs:
Bulk is not an option. Please refer to tape and reel packaging.
A
0
1.90 ± 0.05
B
0
2.30 ± 0.05
K
0
1.05 ± 0.05
F
3.50 ± 0.05
P
1
4.00 ± 0.10
W
8.00 +0.30/-0.10
Dimesnsions : mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com