| Electronic Components Datasheet Search |
|
MMB02070C2ZB7 Datasheet(PDF) 2 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
MMB02070C2ZB7 Datasheet(HTML) 2 Page - Vishay Siliconix |
|
2 / 13 page ![]() MMU 0102, MMA 0204, MMB 0207 - Professional www.vishay.com Vishay Beyschlag Revision: 20-Jan-2026 2 Document Number: 28713 For technical questions, contact: melf@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Note • The presented operation modes do not refer to different types of resistors, but actually show examples of different loads, that lead to different film temperatures and different achievable load-life stability (drift) of the resistance value. A suitable low thermal resistance of the circuit board assembly must be safeguarded in order to maintain the film temperature of the resistors within the specified limits. Please consider the application note “Thermal Management in Surface-Mounted Resistor Applications” (www.vishay.com/doc?28844) for information on the general nature of thermal resistance Note (1) For the approved IECQ-CECC resistance range, please refer to www.vishay.com/doc?28945 MAXIMUM RESISTANCE CHANGE AT RATED DISSIPATION OPERATION MODE STANDARD POWER Rated dissipation, P70 MMU 0102 0.2 W 0.3 W MMA 0204 0.25 W 0.4 W MMB 0207 0.4 W 1.0 W Operating temperature range -55 °C to 125 °C -55 °C to 155 °C Permissible film temperature, ϑF max. 125 °C 155 °C Max. resistance change at P70 for resistance range, | ΔR/R| after: MMU 0102 0.22 Ω to 2.21 MΩ 0.22 Ω to 2.21 MΩ MMA 0204 0.22 Ω to 10 MΩ 0.22 Ω to 10 MΩ MMB 0207 0.1 Ω to 15 MΩ 0.1 Ω to 15 MΩ 1000 h ≤ 0.15 % ≤ 0.25 % 8000 h ≤ 0.3 % ≤ 0.5 % 225 000 h ≤ 1.0 % - TEMPERATURE COEFFICIENT AND RESISTANCE RANGE (1) TYPE/SIZE TCR TOLERANCE RESISTANCE E-SERIES MMU 0102 ± 50 ppm/K ± 5 % 0.22 Ω to 0.91 Ω E24 ± 2 % 1 Ω to 9.1 Ω ± 1 % 10 Ω to 2.21 MΩ E24; E96 ± 0.5 % 10 Ω to 221 kΩ E24; E192 ± 25 ppm/K ± 1 % 10 Ω to 221 kΩ E24; E96 ± 0.5 % 10 Ω to 221 kΩ E24; E192 Jumper; Imax. = 2 A ≤ 10 mΩ 0 Ω - MMA 0204 ± 50 ppm/K ± 5 % 0.22 Ω to 0.91 Ω E24 ± 1 % 0.22 Ω to 0.91 Ω ± 1 % 1 Ω to 10 MΩ E24; E96 ± 0.5 % 10 Ω to 2.21 MΩ E24; E192 ± 25 ppm/K ± 1 % 10 Ω to 511 kΩ E24; E96 ± 0.5 % 10 Ω to 511 kΩ E24; E192 Jumper; Imax. = 3 A ≤ 10 mΩ 0 Ω - MMB 0207 ± 100 ppm/K ± 5 % 0.1 Ω to 0.2 Ω E24 ± 2 % 0.1 Ω to 0.2 Ω ± 50 ppm/K ± 5 % 0.22 Ω to 0.91 Ω ± 2 % 0.22 Ω to 0.91 Ω ± 1 % 0.22 Ω to 0.91 Ω ± 1 % 1 Ω to 15 MΩ E24; E96 ± 25 ppm/K ± 0.5 % 10 Ω to 1 MΩ E24; E192 Jumper; Imax. = 5 A ≤ 10 mΩ 0 Ω - |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |