Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMPDDFH-A02T3 Datasheet(PDF) 3 Page - Abracon Corporation

Part # AMPDDFH-A02T3
Description  FREQUENCY SELECTABLE MEMS OSCILLATORS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AMPDDFH-A02T3 Datasheet(HTML) 3 Page - Abracon Corporation

  AMPDDFH-A02T3 Datasheet HTML 1Page - Abracon Corporation AMPDDFH-A02T3 Datasheet HTML 2Page - Abracon Corporation AMPDDFH-A02T3 Datasheet HTML 3Page - Abracon Corporation AMPDDFH-A02T3 Datasheet HTML 4Page - Abracon Corporation AMPDDFH-A02T3 Datasheet HTML 5Page - Abracon Corporation AMPDDFH-A02T3 Datasheet HTML 6Page - Abracon Corporation AMPDDFH-A02T3 Datasheet HTML 7Page - Abracon Corporation AMPDDFH-A02T3 Datasheet HTML 8Page - Abracon Corporation AMPDDFH-A02T3 Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
RoHS/RoHS II Compliant
LLC
ABRACON IS
ISO9001-2015
CERTIFIED
5101 Hidden Creek Ln Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
REVISED: 07.02.2018
AMPD-SERIES
MSL = MSL 1
Pb
ESD Sensitive
1.6 x 1.2 x 0.84 mm
2.0 x 1.6 x 0.84 mm
2.5 x 2.0 x 0.84 mm
3.2 x 2.5 x 0.85 mm
FREQUENCY SELECTABLE MEMS OSCILLATORS
FREQUENCY SELECTABLE MEMS OSCILLATORS
OPTIONS AND PART IDENTIFICATION
(1): Package Size
G : 1.6 x 1.2 mm
A : 2.0 x 1.6 mm
D : 2.5 x 2.0 mm
E : 3.2 x 2.5 mm
(2): Stability over OTR
D: ±25ppm over -20°C to +70°C
E: ±50ppm over -20°C to +70°C
F: ±25ppm over -40°C to +85°C
G: ±50ppm over -40°C to +85°C
(3): Output Drive/Pin 1 Function
Option
Output Drive Pin 1 Function
H
Standard
Frequency Select
I
Low
Frequency Select
(4): Output Frequency in
MHz
See table 1 for Common dual
frequency pairs.
Contact Abracon for custom
frequency pairs.
(5): Packaging
Blank: Bulk**
T: Tape & Reel
(1kpcs / reel)
T3: Tape & Reel
(3kpcs / reel)
Part Number Example:
AMPDGGJ-A01T
**MOQ per package:
1.6x1.2mm: 100pcs/bag
2.0x1.6mm: 100pcs/bag
2.5x2.0mm: 140 pcs/tube
3.2x2.5mm: 110 pcs/tube
For Quick turn-around programmable sample orders less than MOQ represented above:
Due to the immediate availability of stock and the qty of the order, the parts may be delivered as
Cut Tape, Loose parts in Antistatic Bag or in Tube(s).
For orders greater than MOQ and less than 1000pcs:
Due to packaging, the order must be a multiple of MOQ per package size above
For orders greater than 1000pcs:
Bulk is not an option. Please refer to tape and reel packaging.
AMPD
Frequency
Code
Frequency 1
Frequency 2
A01
20.000 MHz
25.000 MHz
A02
50.000 MHz
25.000 MHz
A03
40.000 MHz
80.000 MHz
A04
74.250 MHz 74.1758 MHz
A05
25.000 MHz
27.000 MHz
A06
26.000 MHz
27.000 MHz
A07
19.440 MHz
25.000 MHz
A08
12.000 MHz
24.000 MHz
Frequency
Code
Frequency 1
Frequency 2
A09
24.000 MHz
48.000 MHz
A10
48.000MHz
50.000MHz
A11
50.000 MHz
100.000 MHz
A12
75.000 MHz
100.000 MHz
A13
6.16791 MHz 6.1298496 MHz
A14
27.000 MHz
32.000 MHz
A15
25.000 MHz
32.000 MHz
A16
12.000 MHz
48.000 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com