Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMPDDFI-A02T3 Datasheet(PDF) 12 Page - Abracon Corporation

Part # AMPDDFI-A02T3
Description  FREQUENCY SELECTABLE MEMS OSCILLATORS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AMPDDFI-A02T3 Datasheet(HTML) 12 Page - Abracon Corporation

Back Button AMPDDFI-A02T3 Datasheet HTML 8Page - Abracon Corporation AMPDDFI-A02T3 Datasheet HTML 9Page - Abracon Corporation AMPDDFI-A02T3 Datasheet HTML 10Page - Abracon Corporation AMPDDFI-A02T3 Datasheet HTML 11Page - Abracon Corporation AMPDDFI-A02T3 Datasheet HTML 12Page - Abracon Corporation AMPDDFI-A02T3 Datasheet HTML 13Page - Abracon Corporation AMPDDFI-A02T3 Datasheet HTML 14Page - Abracon Corporation AMPDDFI-A02T3 Datasheet HTML 15Page - Abracon Corporation AMPDDFI-A02T3 Datasheet HTML 16Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
RoHS/RoHS II Compliant
LLC
ABRACON IS
ISO9001-2015
CERTIFIED
5101 Hidden Creek Ln Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
REVISED: 07.02.2018
AMPD-SERIES
MSL = MSL 1
Pb
ESD Sensitive
1.6 x 1.2 x 0.84 mm
2.0 x 1.6 x 0.84 mm
2.5 x 2.0 x 0.84 mm
3.2 x 2.5 x 0.85 mm
FREQUENCY SELECTABLE MEMS OSCILLATORS
FREQUENCY SELECTABLE MEMS OSCILLATORS
Recommended Landing Pattern
Description
Marker
Max
Typ
Max Unit
Contact Pitch
E
1.65 BSC
mm
Contact Spacing
C
1.25
Contact Width
X1
0.70
Contact Width
X2
0.80
Contact Pad Length
Y
0.50
Space Between Contacts
G1
0.95
Space Between Contacts
G2
0.45
Contact 1 Index Chamfer
CH
0.13 x 45º REF
Dimensioning and tolerance per ASME Y14.5M
BSC: Basic Dimension. Theoretically exact value shown without tolerances
REF: Reference Dimension, usually without tolerance, for information purposes only
MECHANICAL DIMENSIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com