Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

7383/B1C3-AMQA/MS Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # 7383/B1C3-AMQA/MS
Description  Specially designed for applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

7383/B1C3-AMQA/MS Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  7383/B1C3-AMQA/MS Datasheet HTML 1Page - Everlight Electronics Co., Ltd 7383/B1C3-AMQA/MS Datasheet HTML 2Page - Everlight Electronics Co., Ltd 7383/B1C3-AMQA/MS Datasheet HTML 3Page - Everlight Electronics Co., Ltd 7383/B1C3-AMQA/MS Datasheet HTML 4Page - Everlight Electronics Co., Ltd 7383/B1C3-AMQA/MS Datasheet HTML 5Page - Everlight Electronics Co., Ltd 7383/B1C3-AMQA/MS Datasheet HTML 6Page - Everlight Electronics Co., Ltd 7383/B1C3-AMQA/MS Datasheet HTML 7Page - Everlight Electronics Co., Ltd 7383/B1C3-AMQA/MS Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
7383/B1C3-AMQA/X/MS
Everlight Electronics Co., Ltd.
http\\:www.everlight.com
Rev :1
Page: 4 of 8
Device Number : DLE-738-032
Prepared date:05-05-2006
Prepared : Flourix Chen
Rank Combination (IF=20mA)
Rank
M
N
P
Q
Luminous Intensity
1800~2250
2250~2850
2850~3600
3600~4500
*Measurement Uncertainty of Luminous Intensity: ±15%
Unit: :mcd
Rank
0
1
2
3
Forward Voltage
2.8~3.0
3.0~3.2
3.2~3.4
3.4~3.6
*Measurement Uncertainty of Forward Voltage: ±0.1V
Unit:V
Rank
3
4
5
Dominant Wavelength
464~468
468~472
472~476
*Measurement Uncertainty of
Dominant Wavelength ±1.0nm
Unit:nm
*The quantity ratio of the ranks is decided by EVERLIGHT.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com