Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DG90-3021-76-1012-R Datasheet(PDF) 2 Page - Solid State Supplies.

Part # DG90-3021-76-1012-R
Description  Micro Plug-in / PCB Automotive Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURAKOOL [Solid State Supplies.]
Direct Link  https://www.durakool.com/
Logo DURAKOOL - Solid State Supplies.

DG90-3021-76-1012-R Datasheet(HTML) 2 Page - Solid State Supplies.

  DG90-3021-76-1012-R Datasheet HTML 1Page - Solid State Supplies. DG90-3021-76-1012-R Datasheet HTML 2Page - Solid State Supplies.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DG90 Series
Micro Plug-in / PCB Automotive Relay
2
Specifications are subject to change without notice. E&OE.
See website for contact details: www.durakool.com
DG90 110623JHM
Overall Dimensions and Connection Diagram (mm)
Fig. 1
3.3±0.5
85
86
87
30
8±0.15
14±0.15
86
87
30
85
Notes:
1: All parameters, unless otherwise specified, are measured at ambient temperature of 23ºC.
Coil Data
Table 1
Coil code
Rated voltage
(VDC)
Max. allowable
voltage (VDC)*
Coil resistance (Ω) ±10%
Must operate
voltage max.
(VDC)
Must release
voltage min.
(VDC)
Coil power (W)
without resistor
with resistor
without resistor
with resistor
1012
12
15.6
135
120
7.8
1.2
1.07
1.2
15.20 ±0.5
22.50 ±0.5
4.8 ±0.1
0.80 ±0.1
0.80 ±0.1
6.30 ±0.1
2.5
2
optional resistor



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com