Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KMB-001LEVALZ Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # KMB-001LEVALZ
Description  High Performance Dual 14-Bit, 125MSPS ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

KMB-001LEVALZ Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button KMB-001LEVALZ Datasheet HTML 14Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 15Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 16Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 17Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 18Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 19Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 20Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 21Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
ISLA224P12
FN7983 Rev.4.01
Page 18 of 32
Apr 8, 2024
Clock Input
The clock input circuit is a differential pair (see Figure 46).
Driving these inputs with a high level (up to 1.8VP-P on each
input) sine or square wave will provide the lowest jitter
performance. A transformer with 4:1 impedance ratio will
provide increased drive levels. The clock input is functional with
AC-coupled LVDS, LVPECL, and CML drive levels. To maintain the
lowest possible aperture jitter, it is recommended to have high
slew rate at the zero crossing of the differential clock input
signal.
The recommended drive circuit is shown in Figure 33. A duty
range of 40% to 60% is acceptable. The clock can be driven
single-ended, but this will reduce the edge rate and may impact
SNR performance. The clock inputs are internally self-biased to
AVDD/2 to facilitate AC-coupling.
A selectable 2x or 4x frequency divider is provided in series with
the clock input. The divider can be used in the 2x mode with a
sample clock equal to twice the desired sample rate or in 4x
mode with a sample clock equal to four times the desired
sample rate. This allows the use of the Phase Slip feature, which
enables synchronization of multiple ADCs. The Phase Slip feature
can be used as an alternative to using the CLKDIVRST pins to
synchronize ADCs in a multiple ADC system.
The clock divider can also be controlled through the SPI port,
which overrides the CLKDIV pin setting. See “SPI Physical
Interface” on page 22. A delay-locked loop (DLL) generates
internal clock signals for various stages within the charge
pipeline. If the frequency of the input clock changes, the DLL may
take up to 100μs to regain lock at 125MSPS. The lock time is
inversely proportional to the sample rate.
The DLL has two ranges of operation; slow and fast. The slow
range can be used for sample rates between 40MSPS and
100MSPS, while the default fast range can be used from
80MSPS to the maximum specified sample rate.
Jitter
In a sampled data system, clock jitter directly impacts the
achievable SNR performance. The theoretical relationship
between clock jitter (tJ) and SNR is shown in Equation 1 and is
illustrated in Figure 34.
This relationship shows the SNR that would be achieved if clock
jitter were the only non-ideal factor. In reality, achievable SNR is
limited by internal factors, such as linearity, aperture jitter and
thermal noise. Internal aperture jitter is the uncertainty in the
sampling instant shown in Figure 3. The internal aperture jitter
combines with the input clock jitter in a root-sum-square fashion,
since they are not statistically correlated, and this determines
the total jitter in the system. The total jitter, combined with other
noise sources, then determines the achievable SNR.
Voltage Reference
A temperature compensated internal voltage reference provides
the reference charges used in the successive approximation
operations. The full-scale range of each A/D is proportional to the
reference voltage. The nominal value of the voltage reference is
1.25V.
Digital Outputs
Output data is available as a parallel bus in LVDS-compatible
(default) or CMOS modes. In either case, the data is presented in
double data rate (DDR) format. Figures 3 and 4 show the timing
relationships for LVDS and CMOS modes, respectively.
Additionally, the drive current for LVDS mode can be set to a
nominal 3mA (default) or a power-saving 2mA. The lower current
setting can be used in designs where the receiver is in close
physical proximity to the A/D. The applicability of this setting is
dependent upon the PCB layout, therefore the user should
experiment to determine if performance degradation is
observed.
The output mode can be controlled through the SPI port, by
writing to address 0x73, see “Serial Peripheral Interface” on
page 22.
An external resistor creates the bias for the LVDS drivers. A 10kΩ,
1% resistor must be connected from the RLVDS pin to OVSS.
TABLE 2. CLKDIV PIN SETTINGS
CLKDIV PIN
DIVIDE RATIO
AVSS
2
Float
1
AVDD
4
FIGURE 33. RECOMMENDED CLOCK DRIVE
TC4-19G2+
1000pF
1000pF
CLKP
CLKN
0.01µF
200
1000pF
NR
20 log10
1
2
f
INtJ
--------------------


=
(EQ. 1)
FIGURE 34. SNR vs CLOCK JITTER
tj = 100ps
tj = 10ps
tj = 1ps
tj = 0.1ps
10 BITS
12 BITS
14 BITS
50
55
60
65
70
75
80
85
90
95
100
1M
10M
100M
1G
INPUT FREQUENCY (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com