Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

10115/12115 Datasheet(PDF) 4 Page - Norgren Ltd

Part # 10115/12115
Description  Pneufit Push-in Tube Fittings Inch 1⁄8" – 1⁄2" O/D tube
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

10115/12115 Datasheet(HTML) 4 Page - Norgren Ltd

  10115/12115 Datasheet HTML 1Page - Norgren Ltd 10115/12115 Datasheet HTML 2Page - Norgren Ltd 10115/12115 Datasheet HTML 3Page - Norgren Ltd 10115/12115 Datasheet HTML 4Page - Norgren Ltd 10115/12115 Datasheet HTML 5Page - Norgren Ltd 10115/12115 Datasheet HTML 6Page - Norgren Ltd 10115/12115 Datasheet HTML 7Page - Norgren Ltd 10115/12115 Datasheet HTML 8Page - Norgren Ltd 10115/12115 Datasheet HTML 9Page - Norgren Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
N/UK 9.3.010.04
01/97
Pneufit Push-In Tube Fittings Inch
Our policy is one of continuous research and development. We therefore reserve the right
to amend, without notice, the specifications given in this document.
L
D
E
B
Bulkhead Connector
O/D tube to O/D tube
Product
A
B
E
D
L
number
O/D
Metric
A/F
Tube Thread
12 029 0100 1⁄8"
M10 x 1.0
0,55 0,47 1,15
12 029 0200 5⁄32" M10 x 1.0
0,55 0,47 1,18
12 029 0300 3⁄16" M12 x 1.0
0,67 0,55 1,26
12 029 0400 1⁄4"
M14 x 1.5
0,75 0,59 1,38
12 029 0500 5⁄16" M16 x 1.5
0,87 0,63 1,42
12 029 0600 3⁄8"
M20 x 1.5
1,06 0,55 1,69
12 029 0700 1⁄2"
M24 x 1.5
1,18 0,59 1,97
12029
Plug
L
Plug
L
Product
A
B
L
number
O/D
Ø
Stem
12 004 0100 1⁄8"
0,34
1,02
12 004 0200 5⁄32"
0,38
1,04
12 004 0300 3⁄16"
0,42
1,10
12 004 0400 1⁄4"
0,46
1,12
12 004 0500 5⁄16"
0,50
1,16
12 004 0600 3⁄8"
0,61
1,34
12 004 0700 1⁄2"
0,66
1,48
12004
13004
Plastic
Nickel plated brass
Product
A
B
L
number
O/D
Ø
Stem
13 004 0200 5⁄32"
0,38
1,04
13 004 0300 3⁄16"
0,41
1,10
13 004 0400 1⁄4"
0,46
1,12
13 004 0500 5⁄16"
0,50
1,16
13 004 0600 3⁄8"
0,61
1,34
13 004 0700 1⁄2"
0,65
1,48
L
G
C
Stem Adaptor
Inch O/D Stem to BSPT Thread
Product
A
B
C
G
L
S
number
O/D
ISO R
A/F
Stem Thread
10 115 0418 5⁄32" 1⁄8"
0,39 0,30 1,18 0,08
10 115 0428 5⁄32" 1⁄4"
0,55 0,44 1,32 0,08
12 115 0418 1⁄4"
1⁄8"
0,47 0,30 1,26 0,16
12 115 0428 1⁄4"
1⁄4"
0,55 0,44 1,40 0,16
10 115 0818 5⁄16" 1⁄8"
0,55 0,30 1,30 0,20
10 115 0828 5⁄16" 1⁄4"
0,55 0,44 1,44 0,20
12 115 0628 3⁄8"
1⁄4"
0,59 0,44 1,57 0,30
12 115 0638 3⁄8"
3⁄8"
0,75 0,50 1,77 0,30
12 115 0738 1⁄2"
3⁄8"
0,75 0,50 1,89 0,39
12 115 0748 1⁄2"
1⁄2"
0,87 0,63 2,03 0,39
10115/12115
L
G
C
Straight Stem Adaptor
O/D tube stem to taper NPTF thread
Product
A
B
C
G
L
S
number
O/D
NPTF
A/F
Stem Thread
12 415 0210 5⁄32" 10-32 5⁄16" 0,20 1,14 0,08
12 415 0218 5⁄32" 1⁄8"
7⁄16" 0,37 1,25 0,08
12 415 0228 5⁄32" 1⁄4"
9⁄16" 0,56 1,45 0,08
12 415 0418 1⁄4"
1⁄8"
7⁄16" 0,37 1,33 0,16
12 415 0428 1⁄4"
1⁄4"
9⁄16" 0,56 1,52 0,16
12 415 0518 5⁄16" 1⁄8"
7⁄16" 0,37 1,37 0,19
12 415 0528 5⁄16" 1⁄4"
9⁄16" 0,56 1,56 0,19
12 415 0628 3⁄8"
1⁄4"
9⁄16" 0,56 1,74 0,30
12 415 0638 3⁄8"
3⁄8"
11⁄16" 0,56 1,82 0,30
12 415 0738 1⁄2"
3⁄8"
11⁄16" 0,56 1,95 0,35
12 415 0748 1⁄2"
1⁄2"
7⁄8" 0,75 2,15 0,35
12415



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com