Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SA3056-30 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SA3056-30
Description  30 dB Fixed Attenuator MMCX Plug to MMCX Jack Up to 6 GHz Rated to 2 Watts, Brass Nickel Body, 1.2 VSWR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SA3056-30 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SA3056-30 Datasheet HTML 1Page - Infinite Electronics International, Inc. SA3056-30 Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Right Parts, Right Away
+1 (866) 839-4711 | sales@fairviewmicrowave.com | fairviewmicrowave.com
1
© 2025 Infinite Electronics, Inc. Fairview Microwave is a registered trademark of Infinite Electronics, Inc.
30 dB Fixed Attenuator MMCX Plug to MMCX Jack Up to
6 GHz Rated to 2 Watts, Brass Nickel Body, 1.2 VSWR
SA3056-30
Features
Applications
Description
Fairview Microwave carries a broad selection of fixed attenuators with a wide range of attenuation levels, frequency ranges, and power
dissipation ranges. Also known as RF pads, RF microwave attenuators lower the amplitude of a signal (or attenuate) a known amount. These
attenuator pads can be used in a wide variety of applications including reducing a signal level to protect measurement equipment or other
circuitry, extending the range of power meters and amplifiers, and impedance matching circuits by reducing the VSWR seen by adjacent
components. RF attenuators can prevent signal overload in amplifiers, receivers and detectors, adjusting the signal level to a range that is
optimal.
Few RF components are as commonly used as fixed coaxial attenuators, and Fairview Microwave carries one of the largest in-stock varieties
and ships them same day. The SA3056-30 is a 30 dB Fixed Attenuator that operates from DC to 6 GHz and is rated to 2 Watts. The versatile
coaxial package uses MMCX plug to MMCX jack connectors.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
6
GHz
Impedance
50
Ohms
Nominal Attenuation
30
dB
VSWR
1.2:1
Input Power, CW
2
Watts
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency Range
DC to 3
GHz
Attenuation Accuracy, Typ
0.2
dB
Mechanical Specifications
Size
Length
1.04 in [26.42 mm]
Width/Diameter
0.37 in [9.4 mm]
Height
0 in [0 mm]
Weight
0.01323 lbs [6 g]
Body Material and Plating
Brass, Nickel
Configuration
Design
Fixed


Similar Part No. - SA3056-30

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SA3056-03 FAIRVIEW-SA3056-03 Datasheet
214Kb / 2P
3 dB Fixed Attenuator MMCX Plug to MMCX Jack Up to 6 GHz Rated to 2 Watts, Brass Nickel Body, 1.2 VSWR
SA3056-06 FAIRVIEW-SA3056-06 Datasheet
214Kb / 2P
6 dB Fixed Attenuator MMCX Plug to MMCX Jack Up to 6 GHz Rated to 2 Watts, Brass Nickel Body, 1.2 VSWR
SA3056-10 FAIRVIEW-SA3056-10 Datasheet
214Kb / 2P
10 dB Fixed Attenuator MMCX Plug to MMCX Jack Up to 6 GHz Rated to 2 Watts, Brass Nickel Body, 1.2 VSWR
SA3056-20 FAIRVIEW-SA3056-20 Datasheet
214Kb / 2P
20 dB Fixed Attenuator MMCX Plug to MMCX Jack Up to 6 GHz Rated to 2 Watts, Brass Nickel Body, 1.2 VSWR
More results

Similar Description - SA3056-30

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7049-3 PASTERNACK-PE7049-3 Datasheet
217Kb / 3P
3 dB Fixed Attenuator, BNC Male To BNC Female Brass Nickel Body Rated To 2 Watts Up To 4 GHz
PE7051-6 PASTERNACK-PE7051-6 Datasheet
218Kb / 3P
6 dB Fixed Attenuator, TNC Male To TNC Female Brass Nickel Body Rated To 2 Watts Up To 12.4 GHz
PE7051-40 PASTERNACK-PE7051-40 Datasheet
218Kb / 3P
40 dB Fixed Attenuator, TNC Male To TNC Female Brass Nickel Body Rated To 2 Watts Up To 12.4 GHz
PE7049-2 PASTERNACK-PE7049-2 Datasheet
217Kb / 3P
2 dB Fixed Attenuator, BNC Male To BNC Female Brass Nickel Body Rated To 2 Watts Up To 4 GHz
PE7049-6 PASTERNACK-PE7049-6 Datasheet
216Kb / 3P
6 dB Fixed Attenuator, BNC Male To BNC Female Brass Nickel Body Rated To 2 Watts Up To 4 GHz
PE7049-30 PASTERNACK-PE7049-30 Datasheet
215Kb / 3P
30 dB Fixed Attenuator, BNC Male To BNC Female Brass Nickel Body Rated To 2 Watts Up To 4 GHz
PE7049-10 PASTERNACK-PE7049-10 Datasheet
216Kb / 3P
10 dB Fixed Attenuator, BNC Male To BNC Female Brass Nickel Body Rated To 2 Watts Up To 4 GHz
PE7050-30 PASTERNACK-PE7050-30 Datasheet
210Kb / 3P
30 dB Fixed Attenuator, 75 BNC Male To 75 BNC Female Brass Nickel Body Rated To 2 Watts Up To 4 GHz
PE7051-2 PASTERNACK-PE7051-2 Datasheet
216Kb / 3P
2 dB Fixed Attenuator, TNC Male To TNC Female Brass Nickel Body Rated To 2 Watts Up To 12.4 GHz
PE7051-30 PASTERNACK-PE7051-30 Datasheet
217Kb / 3P
30 dB Fixed Attenuator, TNC Male To TNC Female Brass Nickel Body Rated To 2 Watts Up To 12.4 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com