Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRFS4710PBF Datasheet(PDF) 11 Page - International Rectifier

Part # IRFS4710PBF
Description  HEXFET짰 Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS4710PBF Datasheet(HTML) 11 Page - International Rectifier

Back Button IRFS4710PBF Datasheet HTML 4Page - International Rectifier IRFS4710PBF Datasheet HTML 5Page - International Rectifier IRFS4710PBF Datasheet HTML 6Page - International Rectifier IRFS4710PBF Datasheet HTML 7Page - International Rectifier IRFS4710PBF Datasheet HTML 8Page - International Rectifier IRFS4710PBF Datasheet HTML 9Page - International Rectifier IRFS4710PBF Datasheet HTML 10Page - International Rectifier IRFS4710PBF Datasheet HTML 11Page - International Rectifier IRFS4710PBF Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
IRFB/IRFS/IRFL4710PbF
www.irf.com
11
† This is only applied to TO-220AB package
 Repetitive rating; pulse width limited by
max. junction temperature.
ƒ ISD ≤ 45A, di/dt ≤ 420A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
Notes:
‚ Starting TJ = 25°C, L = 190µH
RG = 25Ω, IAS = 45A, VGS = 10V
„ Pulse width ≤ 400µs; duty cycle ≤ 2%.
… Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS
‡ This is applied to D2Pak, when mounted on 1" square PCB ( FR-4 or G-10 Material ).
For recommended footprint and soldering techniques refer to application note #AN-994.
Data and specifications subject to change without notice.
This product has been designed and qualified for the Industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.04/04
D2Pak Tape & Reel Information
Dimensions are shown in millimeters (inches)
3
4
4
TR R
F E E D D IRE CT IO N
1.85 (.073)
1.65 (.065)
1.60 (.063)
1.50 (.059)
4.10 (.161)
3.90 (.153)
TR L
F E E D DIR E CT IO N
10 .90 (.42 9)
10 .70 (.42 1)
16.10 ( .634)
15.90 ( .626)
1.75 (. 069)
1.25 (. 049)
11.60 (.457 )
11.40 (.449 )
15.4 2 (.609 )
15.2 2 (.601 )
4.7 2 (.136)
4.5 2 (.178)
24.30 (.9 57)
23.90 (.9 41)
0.368 (.0145 )
0.342 (.0135 )
1.60 (.063)
1.50 (.059)
13.50 (.532)
12.80 (.504)
330.00
(14.173)
MAX .
27.40 (1 .079)
23.90 (.941)
60.00 (2 .362)
M IN .
30.40 (1 .197)
M A X .
26.40 (1.039)
24.40 (.961)
N O TES :
1 . C O M F O R M S T O E IA- 4 1 8.
2 . CO N T RO L L IN G D IM E NS IO N: M ILL IM ET ER.
3 . DIM E NSIO N M E ASUR E D @ HU B.
4 . IN C L U D E S F L A N GE DIS T OR T ION @ OUT E R E D GE .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com