Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L4993D Datasheet(PDF) 6 Page - STMicroelectronics

Part # L4993D
Description  Low drop voltage regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4993D Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L4993D Datasheet HTML 2Page - STMicroelectronics L4993D Datasheet HTML 3Page - STMicroelectronics L4993D Datasheet HTML 4Page - STMicroelectronics L4993D Datasheet HTML 5Page - STMicroelectronics L4993D Datasheet HTML 6Page - STMicroelectronics L4993D Datasheet HTML 7Page - STMicroelectronics L4993D Datasheet HTML 8Page - STMicroelectronics L4993D Datasheet HTML 9Page - STMicroelectronics L4993D Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Block diagram and pins description
L4993
6/30
Figure 2.
Pins configuration
Table 2.
Pins description
Pin
name
SO-8 (D)
SO-20 (MD)
Function
WEn
1
1
Watchdog Enable input
If high watchdog functionality is active
Gnd
2
4
Ground reference
Gnd
5, 6, 15, 16
Ground
Connected these pins to a heat spreader ground
Res
3
7
Reset output.
It is pulled down when output voltage goes below Vo_th
or frequency at Wi is too low.
Leave floating if not used.
Vcr
4
10
Reset timing adjust.
A capacitor between Vcr pin and gnd, sets the reset
delay time (trd)
Vcw
5
11
Watchdog timer adjust
A capacitor between Vcw pin and gnd, sets the time
response of the watchdog monitor.
Wi
6
14
Watchdog input.
If the frequency at this input pin is too low, the Reset
output is activated.
Connect to ground if not used
Vos
717
Voltage regulator output
Block to ground with a capacitor >100nF (needed for
regulator stability)
Vs
8
20
Supply voltage
Block to ground directly at IC pin with a capacitor
N.C.
2, 3, 8, 9, 12,
13, 18, 19
Not connected
WEn
GND
Res
Vcr
1
2
3
4
5
6
7
8
Vs
Vos
Wi
Vcw
WEn
N.C.
N.C.
GND
GND
GND
Res
N.C.
N.C.
Vcr
10
9
8
7
6
5
4
3
2
1
20
N.C.
N.C.
Vos
GND
GND
Wi
N.C.
N.C.
Vcw
11
12
13
14
15
16
17
18
19
Vs
SO-8
SO-20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com