Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DG93-3021-36-1012-R Datasheet(PDF) 2 Page - Solid State Supplies.

Part # DG93-3021-36-1012-R
Description  Ultra Micro ISO 280 Automotive Relays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURAKOOL [Solid State Supplies.]
Direct Link  https://www.durakool.com/
Logo DURAKOOL - Solid State Supplies.

DG93-3021-36-1012-R Datasheet(HTML) 2 Page - Solid State Supplies.

  DG93-3021-36-1012-R Datasheet HTML 1Page - Solid State Supplies. DG93-3021-36-1012-R Datasheet HTML 2Page - Solid State Supplies.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DG93 Series
Ultra Micro ISO 280 Automotive Relays
2
Specifications are subject to change without notice. E&OE.
See website for contact details: www.durakool.com
DG93 071922JHM
Dimensions
Fig 3
Circuit Diagram
Fig 1 Mounting
Fig 2
Bottom view
DC Coil Data
Table 1
Coil code
Nominal voltage
(VDC)
Must operate
voltage Max.
(VDC@ 23°C)
Max.
allowable voltage
(VDC)
Must release
voltage min.
(VDC)
Coil resistance
Ω ±10%
(at 23°C)
Coil power
consumption
(W)
1012
12
7.8
15.6
1.0
132
(with resistor)
1.09
Bottom view
SPST-NO
Dimensions mm
5
2
3
1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com