Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DHVC300-4081-S9-D024-R1 Datasheet(PDF) 1 Page - Solid State Supplies.

Part # DHVC300-4081-S9-D024-R1
Description  HVDC Contactor 500A / 1000VDC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURAKOOL [Solid State Supplies.]
Direct Link  https://www.durakool.com/
Logo DURAKOOL - Solid State Supplies.

DHVC300-4081-S9-D024-R1 Datasheet(HTML) 1 Page - Solid State Supplies.

  DHVC300-4081-S9-D024-R1 Datasheet HTML 1Page - Solid State Supplies. DHVC300-4081-S9-D024-R1 Datasheet HTML 2Page - Solid State Supplies. DHVC300-4081-S9-D024-R1 Datasheet HTML 3Page - Solid State Supplies.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DHVC300 Series
HVDC Contactor 500A / 1000VDC
1
Specifications are subject to change without notice. E&OE.
See website for contact details: www.durakool.com
DHVC300 14-Mar-25KS
•
300A Continuous
•
Max. breaking current = 2000A
•
Magnet arc blowout
•
Non-polarised contacts
•
Optional auxiliary contact
•
Male or female power terminals
•
Side or bottom mount
•
PWM or twin coil economiser
ü
RoHS
Compliant
Contacts
Ordering Code
Contact arrangement
SPST-NO-DM
Contact material
Oxygen Free Copper ( Cu. C10200)
DHVC300 - 4 0 8 1 - S 8 - 0 9 3 6 - R 1
Max. switching voltage
DC 1000VDC (current dependent - see fig. 1)
Rated load (resistive, cos φ=1)
DC1 300A
Series
Coil code:
60 mins 450A
See tables
1 & 2
20 mins 600A
Contact material
30 secs 1000A
40: Cu. C10200
Max switching current
1 time only 2000A @ 320VDC
Terminal temperature rise above ambient
<70°C. IEC EN60947 GB14/14048.4
Contact voltage drop
max. 80mV @ 300A
Contact arrangement
Auxiliary contact (when fitted)
arrangement SPST-NO (1 Form A)
81: SPST-NO
max. current 2A @ 24VDC / 3A @ 125VAC
91: SPST-NO + Auxiliary
min. current 100mA @ 8V
Coil
Nominal voltage
DC 9 ~ 36VDC, - see Tables 1
Rated power consumption
hold 2W approx.
Insulation
Mounting & terminations
Insulation resistance
initial >1000MΩ @1000VDC
Bottom mount
life end 50MΩ (Min.)
B8: M8 male stud power terminals
Dielectric strength
coil to contact 4000Vrms / <1mA / 1 min (at sea level)
B9: M6 female power terminals
contact to contact 4000Vrms / <1mA / 1 min (at sea level)
General Data
Operating time at 20°C
max. 30ms
Release time at 20°C
max. 10ms
Bounce time at 20°C
max. 5ms
Coil wire & auxiliary wire (when fitted) length
Electrical life
at rated load Refer to Fig. 1, Page 2
R: 390mm (standard)
Mechanical life
3 x 105
T: 150mm
Environmental
Ambient temperature
operating -40 to +85°C
Coil wire & auxiliary contact termination
Relative humidity
20 to 90%RH
1: None (bare ends)
Shock resistance
≤ 20G peak, 11ms 1/2 sine, peak
3: Mini-fit female (see Fig. 3)
Vibration resistance
≤ 20G sine peak (80 to 2000Hz)

NB: UL ratings may differ and not all variants are
UL approved. Contact Durakool for more information.
Dimensions
see Figs. 4 & 5 (Page 3)
Weight
approx. ≥450g (will vary according to option)
Contacts
Ordering Code
Contact arrangement
SPST-NO-DM
Contact material
Oxygen Free Copper ( Cu. C10200)
DHVC300 - 4 0 8 1 - S 8 - 0 9 3 6 - R 1
Max. switching voltage
DC 1000VDC (current dependent - see fig. 1)
Rated load (resistive, cos φ=1)
DC1 300A
Series
Coil code:
60 mins 450A
See Tables
1 & 2
20 mins 600A
Contact material
30 secs 1000A
40: Cu. C10200
Max continuous thermal current
DC1 500A with 300mm², or larger, conductors
Max switching current
1 time only 2000A @ 320VDC
Contact arrangement
Terminal temperature rise above ambient
<70°C. IEC EN60947 GB14/14048.4
81: SPST-NO
Contact voltage drop
max. 120mV @ 300A
91: SPST-NO + Auxiliary
Auxiliary contact (when fitted)
arrangement SPST-NO (1 Form A)
Contacts are not polarised.
max. current 2A @ 24VDC / 3A @ 125VAC
min. current 100mA @ 8V
Mounting & terminations
Coil
Bottom mount
Nominal voltage
DC 12VDC, 24VDC, 9 ~ 36VDC, - see Tables 1 & 2
B8: M8 male stud power terminals
Rated power consumption
hold PWM: 2W / Twin Coil: 6W approx.
B9: M6 female power terminals
Insulation
Side mount
Insulation resistance
initial >100MΩ @1000VDC
S8: M8 male stud power terminals
life end 50MΩ (Min.)
S9: M6 female power terminals
Dielectric strength
coil to contact 3000Vrms / <1mA / 1 min (at sea level)
contact to contact 1500Vrms / <1mA / 1 min (at sea level)
Coil wire & auxiliary wire (when fitted) length
General Data
R: 390mm (standard)
Operating time at 20°C
max. 30ms
T: 150mm
Release time at 20°C
max. 10ms
(Other lengths to special order)
Bounce time at 20°C
max. 5ms
Electrical life
at rated load Refer to Fig. 1, Page 2
Coil wire & auxiliary contact termination
Mechanical life
3 x 105
1: None (bare ends)
Environmental
3: 2 position “Mini-fit” female on coil wires (see Fig. 3)
Ambient temperature
operating -40 to +85°C
(Other terminations to special order)
Relative humidity
20 to 90%RH
Shock resistance
≤ 20G peak, 11ms 1/2 sine, peak
Vibration resistance
5g (10 ~ 500Hz, peak)

NB: UL ratings may differ and not all variants are
UL approved. Contact Durakool for more information.
Dimensions
see Figs. 4 & 5 (Page 3)
Weight
approx. ≥450g (will vary according to option)
E305753


Similar Part No. - DHVC300-4081-S9-D024-R1

ManufacturerPart #DatasheetDescription
logo
Solid State Supplies.
DHVC200-4061-B8-1012-R1 DURAKOOL-DHVC200-4061-B8-1012-R1 Datasheet
1Mb / 3P
HVDC Contactor 500A / 1000VDC
DHVC200-4061-B8-1012-R3 DURAKOOL-DHVC200-4061-B8-1012-R3 Datasheet
1Mb / 3P
HVDC Contactor 500A / 1000VDC
DHVC200-4061-B8-1012-T1 DURAKOOL-DHVC200-4061-B8-1012-T1 Datasheet
1Mb / 3P
HVDC Contactor 500A / 1000VDC
DHVC200-4061-B8-1012-T3 DURAKOOL-DHVC200-4061-B8-1012-T3 Datasheet
1Mb / 3P
HVDC Contactor 500A / 1000VDC
DHVC200-4061-B8-1024-R1 DURAKOOL-DHVC200-4061-B8-1024-R1 Datasheet
1Mb / 3P
HVDC Contactor 500A / 1000VDC
More results

Similar Description - DHVC300-4081-S9-D024-R1

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDM755HA NIEC-PDM755HA Datasheet
108Kb / 3P
MOSFET 75A 500A
logo
TRANSYS Electronics Lim...
MBRF50020 TEL-MBRF50020 Datasheet
123Kb / 2P
SCHOTTKY DIODES MODULE TYPE 500A
logo
List of Unclassifed Man...
EFRG-P2657H ETC2-EFRG-P2657H Datasheet
336Kb / 2P
1U HVDC 650W Server Power Supply
logo
Cooper Bussmann, Inc.
PV-1A10F COOPER-PV-1A10F Datasheet
909Kb / 6P
10x38mm photovoltaic fuses 1000Vdc, 1-30A
logo
Nanjing International G...
MDS500A DGNJDZ-MDS500A Datasheet
513Kb / 2P
MDS 500A
logo
Soshin electric Co., Lt...
HF2000E-SJB SOSHIN-HF2000E-SJB Datasheet
390Kb / 4P
DC 1000VDC
logo
XP Power Limited
HRL30 XPPOWER-HRL30 Datasheet
431Kb / 6P
DC-HVDC Converter
logo
VACUUMSCHMELZE GmbH & C...
T60404-N4648-X052 VACUUMSCHMELZE-T60404-N4648-X052 Datasheet
204Kb / 4P
500A Current Sensor
T60404-N4648-X053 VACUUMSCHMELZE-T60404-N4648-X053 Datasheet
192Kb / 4P
500A Current Sensor
logo
Bel Fuse Inc.
0ALA BEL-0ALA Datasheet
347Kb / 3P
1000VDC, Fast Acting Fuse
Rev. 0ALA Mar2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com