Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DHVC300-4091-S9-D024-R1 Datasheet(PDF) 3 Page - Solid State Supplies.

Part # DHVC300-4091-S9-D024-R1
Description  HVDC Contactor 500A / 1000VDC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURAKOOL [Solid State Supplies.]
Direct Link  https://www.durakool.com/
Logo DURAKOOL - Solid State Supplies.

DHVC300-4091-S9-D024-R1 Datasheet(HTML) 3 Page - Solid State Supplies.

  DHVC300-4091-S9-D024-R1 Datasheet HTML 1Page - Solid State Supplies. DHVC300-4091-S9-D024-R1 Datasheet HTML 2Page - Solid State Supplies. DHVC300-4091-S9-D024-R1 Datasheet HTML 3Page - Solid State Supplies.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DHVC300 Series
HVDC Contactor 500A / 1000VDC
3
Specifications are subject to change without notice. E&OE.
See website for contact details: www.durakool.com
DHVC300 14-Mar-25KS
Dimensions - PWM type and Twin Coil are identical.
Fig. 4
Notes:
1: The maximum make current is 300A to avoid contact welding.
2: Nominal dimensions in mm. Tolerances (nominal), <10mm: ± 0.3mm, 10 ~ 50mm: ± 0.6mm, >50mm: ± 1.0mm.
3: Power contact (M8) nut torque = 8 ~ 10Nm, Power Contact (M6) nut torque = 6 ~ 8Nm; Installation/mounting torque = 1.7 ~ 3.5Nm.
4: Coil wire length and terminations can be customised upon request.
5. Coil and auxiliary contact wires: Teflon insulated UL1887 20AWG. Auxiliary Switch wires are white.
6: Main contacts should be connected with cable section of ≥ 300mm², if used at 500A maximum continuous thermal current.
7: The DHVC series has non-polarized contact terminals labeled “A1” and “A2” next to the main terminals. However, the coil terminals
are polarized. Please connect the coil’s red wire to the “+” terminal and the black wire to the “-” terminal.
Male terminals - bottom mount case
optional auxiliary contact leads shown
Male terminals - side mount case
Female terminals - bottom mount case
Female terminals - side mount case
optional auxiliary contact leads shown
optional auxiliary contact leads shown
optional auxiliary contact leads shown
M6 x 12
M6 x 12
M8 - 6H
M8 - 6H



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com