Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KL39ESK Datasheet(PDF) 7 Page - APEM

Part # KL39ESK
Description  Locking power rocker switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

KL39ESK Datasheet(HTML) 7 Page - APEM

Back Button KL39ESK Datasheet HTML 3Page - APEM KL39ESK Datasheet HTML 4Page - APEM KL39ESK Datasheet HTML 5Page - APEM KL39ESK Datasheet HTML 6Page - APEM KL39ESK Datasheet HTML 7Page - APEM KL39ESK Datasheet HTML 8Page - APEM KL39ESK Datasheet HTML 9Page - APEM KL39ESK Datasheet HTML 10Page - APEM KL39ESK Datasheet HTML 11Page - APEM Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Locking power rocker switches
KL series
SEALING
BASIC P/N
CASE + LEDS
ACTUATOR
X
No sealing
K
IP68 (front panel components of switch only)
Z
IP69K - Installation notice available on request
Ultrasonic welding of frame to case is standard on all
versions. The ultrasonic welding and the optional panel
seal prevent water and dust from introducing into the
switch housing.
K
Z
optional seal
optional seal
LEDS
BASIC P/N
CASE + LEDS
ACTUATOR
Side B
Complete enlarged box with one of the codes listed below.
X
Without LED
Red
Green Yellow Blue
White Amber Red/green
6 VDC
A
B
C
M
R
4
1
12 VDC
D
E
F
N
S
5
2
24 VDC
J
K
L
P
T
6
3
No resistor
U
V
W
Y
Z
9
8
LED consumption : 20 mA @ nominal voltage (25 °C / 77 °F)
Other illumination solutions : on request.
CKLIL-A
10
9
8
7
1
2
3
4
5
6
FICHIER: CKLIL-P6
le 18/03/08
ECHELLE: 0.625
indice A
6
5
4
3
2
1
7
8
9
10
Side B
WIRING
BASIC P/N
CASE + LEDS
ACTUATOR
FOR 6 TERMINAL VERSIONS - LED CONNECTED TO THE LOAD
Note : If not available, terminals are added to connect the LED.
CKLRLF-A
CKLRL-P7
23.07.08
ECH 1
-
+
4
1
6
3
5
2
indice B
+
-
10
9
8
7
CKLRLG-A
4
1
6
3
5
2
2
5
3
6
1
4
CKLRLA-A
2
5
3
6
1
4
+
-
CKLRLB-A
CKLRLC-A
-
+
4
1
6
3
5
2
-
+
4
1
6
3
5
2
+
-
10
9
8
7
CKLRLH-A
4
1
6
3
5
2
R2
R1
2
5
3
6
1
4
CKLRLE-B
-
+
A
standard
B
C
E
F
The LED wiring diagram is shown on the case.
For non-stabilized on-board power supplies submitted to potential voltage surges due to the alternator, 15 V and 30 V
LED configurations are also available on request. LED Tolerance ±10 %
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com