Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29F016D Datasheet(PDF) 1 Page - STMicroelectronics

Part # M29F016D
Description  16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F016D Datasheet(HTML) 1 Page - STMicroelectronics

  M29F016D Datasheet HTML 1Page - STMicroelectronics M29F016D Datasheet HTML 2Page - STMicroelectronics M29F016D Datasheet HTML 3Page - STMicroelectronics M29F016D Datasheet HTML 4Page - STMicroelectronics M29F016D Datasheet HTML 5Page - STMicroelectronics M29F016D Datasheet HTML 6Page - STMicroelectronics M29F016D Datasheet HTML 7Page - STMicroelectronics M29F016D Datasheet HTML 8Page - STMicroelectronics M29F016D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
1/37
September 2005
M29F016D
16 Mbit (2Mb x8, Uniform Block)
5V Supply Flash Memory
FEATURES SUMMARY
■
SUPPLY VOLTAGE
–VCC = 5V ±10% for PROGRAM, ERASE and
READ OPERATIONS
■
ACCESS TIME: 55, 70, 90ns
■
PROGRAMMING TIME
– 10µs per Byte typical
■
32 UNIFORM 64Kbyte MEMORY BLOCKS
■
PROGRAM/ERASE CONTROLLER
– Embedded Byte Program algorithms
■
ERASE SUSPEND and RESUME MODES
– Read and Program another Block during
Erase Suspend
■
UNLOCK BYPASS PROGRAM COMMAND
– Faster Production/Batch Programming
■
TEMPORARY BLOCK UNPROTECTION
MODE
■
COMMON FLASH INTERFACE
– 64 bit Security Code
■
LOW POWER CONSUMPTION
– Standby and Automatic Standby
■
100,000 PROGRAM/ERASE CYCLES per
BLOCK
■
ELECTRONIC SIGNATURE
– Manufacturer Code: 20h
– Device Code: ADh
■
ECOPACK® PACKAGES AVAILABLE
Figure 1. Packages
TSOP40 (N)
10 x 20mm
SO44 (M)
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - M29F016D

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
M29F016D AMD-M29F016D Datasheet
1Mb / 45P
16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
STMicroelectronics
M29F016D STMICROELECTRONICS-M29F016D Datasheet
536Kb / 37P
16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
15-Jul-2003
M29F016D55M1T STMICROELECTRONICS-M29F016D55M1T Datasheet
536Kb / 37P
16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
15-Jul-2003
M29F016D55M6T STMICROELECTRONICS-M29F016D55M6T Datasheet
536Kb / 37P
16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
15-Jul-2003
M29F016D55N1T STMICROELECTRONICS-M29F016D55N1T Datasheet
536Kb / 37P
16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
15-Jul-2003
More results

Similar Description - M29F016D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F010B STMICROELECTRONICS-M29F010B Datasheet
402Kb / 20P
1 Mbit 128Kb x8, Uniform Block Single Supply Flash Memory
19-Sep-2005
M29F016B STMICROELECTRONICS-M29F016B Datasheet
135Kb / 22P
16 Mbit 2Mb x8, Uniform Block Single Supply Flash Memory
30-Mar-2000
M29W017D STMICROELECTRONICS-M29W017D Datasheet
251Kb / 36P
16 Mbit 2Mb x8, Uniform Block 3V Supply Flash Memory
05-Apr-2002
M50FW016 STMICROELECTRONICS-M50FW016 Datasheet
673Kb / 45P
16 Mbit 2Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
12-Jul-2004
M58LW032D STMICROELECTRONICS-M58LW032D Datasheet
748Kb / 51P
32 Mbit 4Mb x8, 2Mb x16, Uniform Block 3V Supply Flash Memory
12-Sep-2003
M29F080D STMICROELECTRONICS-M29F080D Datasheet
252Kb / 36P
8 Mbit (1Mb x8, Uniform Block) 5V Supply Flash Memory
M29F016D STMICROELECTRONICS-M29F016D Datasheet
536Kb / 37P
16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
15-Jul-2003
M29F032D STMICROELECTRONICS-M29F032D Datasheet
286Kb / 35P
32 Mbit (4Mb x8, Uniform Block) 5V Supply Flash Memory
Apr-2002
M29F080D STMICROELECTRONICS-M29F080D_05 Datasheet
602Kb / 37P
8 Mbit (1Mb x8, Uniform Block) 5V Supply Flash Memory
19-Sep-2005
M58LW032D STMICROELECTRONICS-M58LW032D_04 Datasheet
799Kb / 50P
32 Mbit (4Mb x8, 2Mb x16, Uniform Block) 3V Supply Flash Memory
13-Aug-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com