Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FOSTCDRI-INV Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # FOSTCDRI-INV
Description  Industrial Serial to Fiber Optic Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FOSTCDRI-INV Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  FOSTCDRI-INV Datasheet HTML 1Page - Advantech Co., Ltd. FOSTCDRI-INV Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Corporate Headquarters: 707 Dayton Road, PO Box 1040 Ottawa, IL 61350 USA 815-433-5100 Fax 433-5104
European Office: Westlink Commercial Park, Oranmore Co. Galway Ireland +353 91 792444 Fax +353 91 792445
orders@advantech-bb.com
support@advantech-bb.com
SPECIFICATIONS
SERIAL TECHNOLOGY
Data Rate
9.6 to 115.2 kbps
RS-232
Connector Removable terminal block
Signals TD, RD, GND
RS-422/485
Connector 5-position, removable terminal block
RS-485, 2-wire
Data A(-), Data B(+), GND
RS-422/485, 4-wire
TDA(-), TDB(+), RDA(-), RDB(+), GND
Bias Built-in, switchable, 1.2KΩ
Termination Built-in, switchable, 120Ω
ISOLATION
Rating
2KV RMS, 1 minute
Surge Protection
600 W peak power dissipation
Clamping Time
< 1 pico-second
Lines Protected
2-way (input, output lines)
Method
Optical
FIBER OPTIC TECHNOLOGY
Type / Wavelength
Multi-mode / 820 nm
Output Power
-16dBm min, -12dBm typical, -9dBm maximum
Receive Sensitivity
-24dBm min, -25.4dBm maximum
Cable
62.5/125 micro-meter
Connector
ST
Data Rate
9.6 to 115.2 kbps
Maximum Distance
4 km (2.5 mi)
Idle State, FOSTCDRI
Transmitter light ON
Idle State, FOSTCDRI-
INV
Transmitter light OFF
INDUSTRIAL BUS
Modbus
ASCII/RTU
POWER
Source
External
Input Voltage
10 to 48 VDC (56 VDC maximum)
Consumption
0.5 W (typical), 1.3W (with termination)
Connector
2-position, removable terminal block, 24 to 14 AWG
TERMINAL BLOCKS
Wire Size Accepted
28 to 12 AWG
Pitch
5.08 mm
Insulation Resistance
≥ 500 MΩ @ 500 VDC
Maximum Torque
5 Kg / cm
LED INDICATORS
Power
Red LED
FO Receive
Red LED
FO Transmit
Red LED
MECHANICAL
Dimensions
12.3 x 11.3 x 3.2 cm (4.9 x 4.5 x 1.3 in)
Enclosure
IP 20 plastic, 35 mm DIN mount
Weight
199.6 g (0.44 lbs)
ENVIRONMENTAL
Operating Temperature
-40 to +80 °C (-40 to +176 °F)
Storage Temperature
-40 to +85 °C (-40 to +185 °F)
Operating Humidity
0 to 95% non-condensing
MTBF
138904 hours
MTBF Calculation Method Parts Count Reliability Prediction
APPROVALS / CERTIFICATIONS - FOSTCDRI
UL Class 1 Division 2, Groups A, B, C, D
File Number: E222870 (HAZLOC E245458)
FCC Part 15, CISPR, EN 55022: 2010 + AC:2011 Class B Emissions
CE
EN 61000-6-1: 2007 Generic Standards for Residential, Commercial and Light-Industrial
Environments
EN 61000-4-2: 2009 Electro-Static Discharge (ESD)
EN 61000-4-3: 2006 +A1 +A2 +IS1 Radiated Field Immunity (RFI)
EN 61000-4-4: 2012 Electrical Fast Transients-Burst Immunity (EFT)
EN 61000-4-6: 2009 Conducted Immunity
Download complete Declaration of Conformity at www.bb-elec.com
APPROVALS / CERTIFICATIONS - FOSTCDRI-INV
UL 508, File Number: E222870
FCC Part 15, CISPR, EN 55022: 2010 + AC:2011 Class A Emissions
CE
MECHANICAL DIAGRAM
12.3 cm
4.9 in
11.3 cm
4.5 in
3.2 cm
1.3 in
12.3 cm
4.9 in
11.3 cm
4.5 in
3.2 cm
1.3 in
Industrial Serial to
Fiber Optic Converters
Models FOSTCDRI, FOSTCDRI-INV



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com