Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P10D Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # P10D
Description  10W DC-DC Converter P10D-Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P10D Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  P10D Datasheet HTML 1Page - List of Unclassifed Manufacturers P10D Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10W DC-DC Converter P10D-Series
●
Wide 4:1 input range
●
Efficiency up to 85 %
●
1500 VDC isolation
●
Continuous short circuit protection
●
Standard package 2” x 1” x 0.4”
●
MTBF 1.12 M hours
●
Wide Operating Temperature Range -40..+85°C
Model selection guide
Typ
Input nominal
voltage
[VDC]
Input
quiescent
current
[mA]
Output
voltage
[VDC]
Output
current
[mA]
Efficiency typ.
[%]
capacitive
load
[µF]
Single output
P10D243R3S
9...36
25
3.3
2000
79
3300
P10D2405S
9...36
25
5.0
2000
82
3300
P10D2412S
9...36
25
12.0
833
85
680
P10D2415S
9...36
25
15.0
666
85
470
P10D483R3S
18...72
20
3.3
2000
78
3300
P10D4805S
18...72
20
5.0
2000
83
3300
P10D4812S
18...72
20
12.0
833
85
680
P10D4815S
18...72
20
15.0
666
85
470
Dual output
P10D2405D
9...36
25
±5.0
±1000
82
2 x 2200
P10D2412D
9...36
25
±12.0
±416
85
2 x 470
P10D2415D
9...36
25
±15.0
±333
85
2 x 330
P10D4805D
18...72
20
±5.0
±1000
82
2 x 2200
P10D4812D
18...72
20
±12.0
±416
85
2 x 470
P10D4815D
18...72
20
±15.0
±333
85
2 x 330
Page 1 of 2
Deutschland:
Schweiz:
Inselkammerstraße 10
Gründenstrasse 82
D-82008 Unterhaching
CH-8247 Flurlingen
Tel.: 089 614 503-10
Tel.: 052 647 42 00
E-Mail: power@hy-line.de
E-Mail: power@hy-line.ch


Similar Part No. - P10D

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
P10D PREMO-P10D Datasheet
411Kb / 4P
Coils and Chokes for general use
P10D-100M PREMO-P10D-100M Datasheet
411Kb / 4P
Coils and Chokes for general use
P10D-101K PREMO-P10D-101K Datasheet
411Kb / 4P
Coils and Chokes for general use
P10D-102K PREMO-P10D-102K Datasheet
411Kb / 4P
Coils and Chokes for general use
P10D-103K PREMO-P10D-103K Datasheet
411Kb / 4P
Coils and Chokes for general use
More results

Similar Description - P10D

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LD10-20B03 MORNSUN-LD10-20B03_15 Datasheet
2Mb / 6P
10W, AC/DC converter
LH10-10B03 MORNSUN-LH10-10B03_15 Datasheet
1Mb / 7P
10W, AC-DC converter
LHE10-20A05 MORNSUN-LHE10-20A05 Datasheet
1Mb / 6P
10W, AC-DC converter
LD10-26B03 MORNSUN-LD10-26B03 Datasheet
1Mb / 6P
10W, AC/DC converter
LHE10-20D0512-02ER2 MORNSUN-LHE10-20D0512-02ER2 Datasheet
1Mb / 5P
10W, AC-DC converter
logo
Minmax Technology Co., ...
MDWI10 MINMAX-MDWI10 Datasheet
489Kb / 5P
DC-DC CONVERTER 10W
logo
HY-LINE Power Component...
P10B12S33 HY-LINE-P10B12S33 Datasheet
128Kb / 2P
10W DC-DC Converter P10B-Series
Rev: 10 / 2004 f
P10C24S33W HY-LINE-P10C24S33W Datasheet
303Kb / 2P
10W DC-DC Converter P10C-Series
Rev: 9 / 05 f
P10D243R3S HY-LINE-P10D243R3S Datasheet
1Mb / 5P
10 W DC-DC Converter P10D-Series
Rev: 20180716 f
P10F243R3S HY-LINE-P10F243R3S Datasheet
286Kb / 3P
10W DC-DC Converter P10F-Series
Rev: 2.10 f
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com