Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EPE6087AS Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPE6087AS
Description  10Base-T Transceiver Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPE6087AS Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPE6087AS Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
10Base-T Transceiver Module
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• For use with National Semiconductor’s DP83907 Atlantic II Chip
• Complies with or exceeds IEEE 802.3, 10Base-T Standards
• Robust design allows for toughest soldering processes
• Provided with superior common mode attenuation
• Add “-RC” after part number for RoHS Compliant
• Hipot : 1500 Vrms
EPE6087AS & EPE6087AS-RC
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSE6087AS & -RC
Rev. 3
2/27/06 JDG
Package
.050
(1.27)
.016/.022
(.406/.559)
.190
(4.83)
.010/.015
(.254/.381)
.370
(9.40)
0°-8°
.035
(.889)
.008/.012
(.203/.305)
PCA
EPE6087AS(-RC)
Date Code
.490
(12.45)
.260
(6.60)
.070
(1.78)
.350
(8.89)
Solder Pad
Layout
.420
(10.67)
.050
(1.27)
.030
(.762)
.075
(1.91)
Pin 1
I.D.
Primary
Inductance
(µH Min.)
@ 1 MHz, 0.1 Vrms
Interwinding
Capacitance
(pF Max.)
12
@ 1 MHz, 0.1 Vrms
Primary
DCR
(
Ω Max.)
0.35
Xmit
50
Xmit
Leakage
Inductance
(µH Max.)
@ 1 MHz, 0.1 Vrms
0.3
200
Rcv
0.50
Rcv
Schematic
15
Transmit
1
2
3
16
14
1CT:2CT
Pri.
Sec.
6
8
11
9
1CT:1CT
Receive
7
10
Pri.
Sec.
CMRR
(dB)
Xmit
Return Loss
(dB Min.)
-15
5MHz-10MHz
30-50 MHz
-35
@ 100 MHz
-30
@ 200 MHz
-20
Notes :
1. Lead Finish
2. Peak Temperature Rating
3. Moisture Sensitive Levels
4. Weight
5. Packaging Information
(*Add “TR” to end of part number
when placing order)
(Tube)
(Tape & Reel)
MSL = 4
(72 Hours,
≤30°C/60%RH)
EPE6087AS-RC
Matte Tin
260°C
0.84 grams
39 pieces/tube
600 pieces/13” reel
(*EPE6087AS-RCTR)
EPE6087AS
225°C
MSL = 3
(168 Hours,
≤30°C/60%RH)
0.84 grams
39 pieces/tube
600 pieces/13” reel
(*EPE6087AS-TR)
SnPb


Similar Part No. - EPE6087AS

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPE6087A PCA-EPE6087A Datasheet
57Kb / 1P
10 Base-T Transceiver Module
More results

Similar Description - EPE6087AS

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4658 MICRO-LINEAR-ML4658 Datasheet
230Kb / 17P
10BASE-T Transceiver
logo
Motorola, Inc
MC34055 MOTOROLA-MC34055 Datasheet
184Kb / 16P
IEEE 802.3 10BASE-T TRANSCEIVER
logo
PCA ELECTRONICS INC.
EPA2214B PCA-EPA2214B Datasheet
27Kb / 1P
10Base-T Interface Module
EPE6079 PCA-EPE6079 Datasheet
189Kb / 1P
10Base-T Interface Module
EPE6334G PCA-EPE6334G Datasheet
153Kb / 1P
10Base-T Interface Module
EPE6372S PCA-EPE6372S Datasheet
26Kb / 1P
10Base-T Interface Module
EPE6376S PCA-EPE6376S_09 Datasheet
70Kb / 1P
10Base-T Interface Module
EPE6381 PCA-EPE6381_09 Datasheet
62Kb / 1P
10Base-T Interface Module
logo
XFMRS Inc.
XF10061C XFMRS-XF10061C Datasheet
65Kb / 1P
10BASE-T ISOLATION MODULE
XF150668A XFMRS-XF150668A Datasheet
57Kb / 1P
10BASE-T ISOLATION MODULE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com