Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RM3U1908SBK Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # RM3U1908SBK
Description  Rack-Mounted Instrument Enclosure
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

RM3U1908SBK Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  RM3U1908SBK Datasheet HTML 1Page - Hammond Manufacturing Ltd. RM3U1908SBK Datasheet HTML 2Page - Hammond Manufacturing Ltd. RM3U1908SBK Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1/6/2019
Rack-Mounted Instrument Enclosure (RM Series) - Hammond Mfg.
https://www.hammfg.com/electronics/small-case/rack-mount/rm
2/3
Replacement Panel for Front or Rear Panel of Chassis
Part No.
Height
Width
Rack Units
RM1U08BKFP
1.75
8.30
1U
RM2U08BKFP
3.50
8.30
2U
RM3U08BKFP
5.25
8.30
3U
RM1U19BKFP
1.75
16.60
1U
RM2U19BKFP
3.50
16.60
2U
RM3U19BKFP
5.25
16.60
3U
RM4U19BKFP
7.00
16.60
4U
Replacement Hardware
Part No.
Description
Used For
RM632SC100BK 100 pack of 6-32 x 3/8" thread rolling (taptite) screws Side panel assembly
RM440SN100BK 100 pack of 4-40 speed nuts
Top & bottom panel assembly
RM440MS100BK 100 pack of 4-40 machine screws
Top & bottom panel assembly
RM1032MS100BK 100 pack of 10-32 machine screws
Rack mounting bracket assembly
Replacement Rack Mounting Flanges (Sold in
Pairs)
Part No.
Rack Units
RM1UMTGFL
1U
RM2UMTGFL
2U
RM3UMTGFL
3U
RM4UMTGFL
4U
Includes enclosure mounting screws
Adjustable Rear Brackets (Sold in Pairs)
Part No.
Chassis Dimensions
Rack Units
Height
Width
Depth
RM1U18BRKT
1.75
16.60
18" (457mm) or more
1U
RM2U18BRKT
3.50
16.60
18" (457mm) or more
2U
RM3U18BRKT
5.25
16.60
18" (457mm) or more
3U, 4U
Available for 18 inch deep versions only.
Replacement Top/Bottom Body Panel (Sold Singly)
Solid
Vented
Panel Dimensions
Part No.
Part No.
Width
Depth
RM0804BKSP
RM0804BKVP
8.30
4.25
RM0808BKSP
RM0808BKVP
8.30
8.00
RM1908BKSP
RM1908BKVP
16.60
8.00
RM1913BKSP
RM1913BKVP
16.60
13.00
RM1918BKSP
RM1918BKVP
16.60
18.00
RM1922BKSP
RM1922BKVP
16.60
22.00
Part No.
Part No.
Overall Dimensions
Includes
Accepts
Adj. Rear Bracket
19" Rack
Rack Mount
Solid
Vented
Mounting
Pull Handle
Part No.
Top/Bottom
Top/Bottom
Height
Width
Depth
Rack Units
Flanges
Part No.
(Sold in Pairs)
RM4U1913SBK
RM4U1913VBK
7.00
16.60
13.00
4U
Yes
1427P1BK
RM4U1918SBK
RM4U1918VBK
7.00
16.60
18.00
4U
Yes
1427P1BK
RM3U18BRKT
RM4U1922SBK
RM4U1922VBK
7.00
16.60
22.00
4U
Yes
1427P1BK
RM3U18BRKT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com