Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THR-DS-TPUTTY 607 Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # THR-DS-TPUTTY 607
Description  Tputty™ 607 High Performance Dispensable Gap Filler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

THR-DS-TPUTTY 607 Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  THR-DS-TPUTTY 607 Datasheet HTML 1Page - Laird Tech Smart Technology THR-DS-TPUTTY 607 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TputtyTM 607
High Performance Dispensable Gap Filler
Americas: +1.866.928.8181
Europe: +44.(0).8031.2460.0
Asia: +86.755.2714.1166
www.laird.com
THR-DS-Tputty 607 03/17/2021
Any information furnished by Laird Technologies, Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice.
Responsibility for the use and application of Laird Technologies materials rests with the end user. Laird Technologies makes no warranties as to the fitness,
merchantability, suitability or non- infringement of any Laird Technologies materials or products for any specific or general uses. Laird Technologies shall not be liable
for incidental or consequential damages of any kind. All Laird Technologies products are sold pursuant to the Laird Technologies’ Terms and Conditions of sale in effect
from time to time, a copy of which will be furnished upon request. © Copyright 2013 Laird Technologies, Inc. All Rights Reserved. Laird, Laird Technologies, the Laird
Technologies Logo, and other marks are trademarks or registered trademarks of Laird Technologies, Inc. or an affiliate company thereof. Other product or service
names may be the property of third parties. Nothing herein provides a license under any Laird Technologies or any third party intellectual property rights.
TYPICAL PROPERTIES
PROPERTY
TYPICAL VALUE
METHOD
Construction
Ceramic filled silicone dispensable
Color
Blue
Visual
Thermal Conductivity
6.4 W/mK
Hot Disk
Flow Rate (75cc taper tip, 0.125”
orifice, 90 psi)
60 g/min
Laird Test Method -
A16724-00
Density
3.45 g/cc
Helium Pycnometer
Flammability
V-0
UL 94
Operating Temperature Range
-40 to 200°C
Laird Test Method
Outgassing TML (weight)
0.204 %
ASTM E595
Outgassing CVCM (weight)
0.01 %
ASTM E595
Dielectric Breakdown
>6000 VAC (at 1 mm)
ASTM D149
Dielectric Constant @ 1MHz
15.0
ASTM D150
Minimum Bond line Thickness
0.150 mm (0.006”)
Laird Test Method -
A16112-00
Volume Resistivity
1013 ohm·cm
ASTM D257



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com