Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P30LM0FDR102KA Datasheet(PDF) 5 Page - Vishay Siliconix

Part # P30LM0FDR102KA
Description  Long Life Potentiometer - 2 Million Cycles, Heavy Duty - Cermet, Fully Sealed
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P30LM0FDR102KA Datasheet(HTML) 5 Page - Vishay Siliconix

  P30LM0FDR102KA Datasheet HTML 1Page - Vishay Siliconix P30LM0FDR102KA Datasheet HTML 2Page - Vishay Siliconix P30LM0FDR102KA Datasheet HTML 3Page - Vishay Siliconix P30LM0FDR102KA Datasheet HTML 4Page - Vishay Siliconix P30LM0FDR102KA Datasheet HTML 5Page - Vishay Siliconix P30LM0FDR102KA Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
P30L
www.vishay.com
Vishay Sfernice
Revision: 27-Jan-2025
5
Document Number: 51056
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Nothing stated herein shall be construed as a guarantee of quality or durability
PERFORMANCE
TESTS
CONDITIONS
TYPICAL VALUES AND DRIFTS
ΔRT/RT (%)
ΔR1-2/R1-2 (%)
OTHER
Electrical endurance
1000 h at rated power
90’/30’ - ambient temp. 70 °C
± 20 %
± 20 %
-
Climatic sequence
Phase A dry heat 125 °C
Phase B damp heat
Phase C cold -55 °C
Phase D damp heat 5 cycles
± 0.5 %
± 1 %
-
Damp heat, steady state
56 days
40 °C 93 % HR
± 0.5 %
± 1 %
Insulation resistance:
> 100 M
Ω
Change of temperature
5 cycles
-55 °C at +125 °C
± 0.5 %
-
-
Mechanical endurance
2 000 000 cycles at rated power
Turn angle: ± 60°
Temperature: 20 °C
± 20 %
-
Independent linearity:
± 10 %
Shock
50 g’s at 11 ms
3 successive shocks
in 3 directions
± 0.1 %
± 0.2 %
-
Vibration
10 Hz to 55 Hz
0.75 mm or 10 g’s
during 6 h
± 0.1 %
± 0.2 %
-
ORDERING INFORMATION (part number)
MODEL
BUSHING
OPTION
SHAFT
RESISTANCE CODE /
TOLERANCE CODE / TAPER
SPECIAL
NUMBER
P30L
L =
M10 x 0.75
M = panel
sealed
M10 x 0.75
0 = none
E = with
locating
peg (for
M bushing
only)
L = LPRP
Diameter
Length
End Shaft
Shape
Ohmic Value Tolerance
Taper
(if applicable)
Given by
Vishay
for custom
design
F = Ø 6 mm
AP =
custom
shaft
For L bushing
G = 16 mm
L = 25 mm
R = 50 mm
For M bushing
D = 13 mm
J = 22 mm
P = 47 mm
R = round
On request:
S = slotted
D = custom
end shaft
F = flatted
102 = 1 k
Ω
502 = 5 k
Ω
103 = 10 k
Ω
503 = 50 k
Ω
M = 20 %
K = 10 %
A =
linear
L =
logarithmic
F = inverse
clockwise
logarithmic
PART NUMBER DESCRIPTION (for information only)
P30L
L
0
FGR
10K
20 %
A
BO10
e3
MODEL
BUSHING
OPTION
SHAFT
VALUE
TOLERANCE
TAPER
SPECIAL
PACKAGING
SPECIAL
SPECIAL
LEAD
(Pb)-FREE
ACCESSORIES
Additional Accessories (to order separately)
www.vishay.com/doc?51051
Control knobs
www.vishay.com/doc?51101
RELATED DOCUMENTS
APPLICATION NOTES
Potentiometers and Trimmers
www.vishay.com/doc?51001
Guidelines for Vishay Sfernice Resistive and Inductive Components
www.vishay.com/doc?52029
Capabilities and Custom Options
www.vishay.com/doc?48485
L0F
G
R
1
0
M
0
P
L
3
3A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com