Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EX-AZM170-02ZKA-R-3GD Datasheet(PDF) 2 Page - K.A. Schmersal GmbH & Co. KG

Part # EX-AZM170-02ZKA-R-3GD
Description  IDC method of termination
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHMERSAL [K.A. Schmersal GmbH & Co. KG]
Direct Link  https://www.schmersal.com/en/home
Logo SCHMERSAL - K.A. Schmersal GmbH & Co. KG

EX-AZM170-02ZKA-R-3GD Datasheet(HTML) 2 Page - K.A. Schmersal GmbH & Co. KG

  EX-AZM170-02ZKA-R-3GD Datasheet HTML 1Page - K.A. Schmersal GmbH & Co. KG EX-AZM170-02ZKA-R-3GD Datasheet HTML 2Page - K.A. Schmersal GmbH & Co. KG EX-AZM170-02ZKA-R-3GD Datasheet HTML 3Page - K.A. Schmersal GmbH & Co. KG EX-AZM170-02ZKA-R-3GD Datasheet HTML 4Page - K.A. Schmersal GmbH & Co. KG EX-AZM170-02ZKA-R-3GD Datasheet HTML 5Page - K.A. Schmersal GmbH & Co. KG EX-AZM170-02ZKA-R-3GD Datasheet HTML 6Page - K.A. Schmersal GmbH & Co. KG EX-AZM170-02ZKA-R-3GD Datasheet HTML 7Page - K.A. Schmersal GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Manufacturer declaration
ATEX Zone 2 and 22
 
General data
Standards
EN IEC 60947-5-1
Working principle
electromechanical
Housing material
Plastic, glass-fibre reinforced thermoplastic, self-extinguishing
Gross weight
1,200 g
 
General data - Features
Power to lock
Yes
Manual release
Yes
Number of safety contacts
2
 
Safety classification
Vorschriften
EN ISO 13849-1
Performance Level, up to
c
Category
1
B
10D Normally-closed contact (NC)
2,000,000 Operations
Note
Electrical life on request.
B
10D Normally-open contact (NO)
1,000,000 Operations
Mission time
20 Year(s)
 
Safety classification - Fault exclusion
Performance Level, up to
d
Category
3
Note
for 2-channel use and with suitable logic unit.
Mission time
20 Year(s)
 



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com