Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC12864ARS-0 Datasheet(PDF) 55 Page - Powertip Technology

Part # PC12864ARS-0
Description  OUTLINE DIMENSION & BLOCK DIAGRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PC12864ARS-0 Datasheet(HTML) 55 Page - Powertip Technology

Back Button PC12864ARS-0 Datasheet HTML 51Page - Powertip Technology PC12864ARS-0 Datasheet HTML 52Page - Powertip Technology PC12864ARS-0 Datasheet HTML 53Page - Powertip Technology PC12864ARS-0 Datasheet HTML 54Page - Powertip Technology PC12864ARS-0 Datasheet HTML 55Page - Powertip Technology PC12864ARS-0 Datasheet HTML 56Page - Powertip Technology PC12864ARS-0 Datasheet HTML 57Page - Powertip Technology PC12864ARS-0 Datasheet HTML 58Page - Powertip Technology PC12864ARS-0 Datasheet HTML 59Page - Powertip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 65 page
background image
ST7066U
V2.0
2001/03/01
32/42
!"
AC Characteristics
(TA = 25℃, VCC = 2.7V)
Symbol Characteristics
Test Condition
Min.
Typ. Max.
Unit
Internal Clock Operation
fOSC
OSC Frequency
R = 75K
Ω
190
270
350
KHz
External Clock Operation
fEX
External Frequency
-
125
270
410
KHz
Duty Cycle
-
45
50
55
%
TR,TF
Rise/Fall Time
-
-
-
0.2
µs
Write Mode (Writing data from MPU to ST7066U)
TC
Enable Cycle Time
Pin E
1200
-
-
ns
TPW
Enable Pulse Width
Pin E
460
-
-
ns
TR,TF
Enable Rise/Fall Time Pin E
-
-
25
ns
TAS
Address Setup Time Pins: RS,RW,E
0
-
-
ns
TAH
Address Hold Time
Pins: RS,RW,E
10
-
-
ns
TDSW
Data Setup Time
Pins: DB0 - DB7
80
-
-
ns
TH
Data Hold Time
Pins: DB0 - DB7
10
-
-
ns
Read Mode (Reading Data from ST7066U to MPU)
TC
Enable Cycle Time
Pin E
1200
-
-
ns
TPW
Enable Pulse Width
Pin E
480
-
-
ns
TR,TF
Enable Rise/Fall Time Pin E
-
-
25
ns
TAS
Address Setup Time Pins: RS,RW,E
0
-
-
ns
TAH
Address Hold Time
Pins: RS,RW,E
10
-
-
ns
TDDR
Data Setup Time
Pins: DB0 - DB7
-
-
320
ns
TH
Data Hold Time
Pins: DB0 - DB7
10
-
-
ns
Interface Mode with LCD Driver(ST7065)
TCWH
Clock Pulse with High Pins: CL1, CL2
800
-
-
ns
TCWL
Clock Pulse with Low Pins: CL1, CL2
800
-
-
ns
TCST
Clock Setup Time
Pins: CL1, CL2
500
-
-
ns
TSU
Data Setup Time
Pin: D
300
-
-
ns
TDH
Data Hold Time
Pin: D
300
-
-
ns
TDM
M Delay Time
Pin: M
0
-
2000
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com