Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESS32S2 Datasheet(PDF) 4 Page - K.A. Schmersal GmbH & Co. KG

Part # ESS32S2
Description  Command and signalling devices
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHMERSAL [K.A. Schmersal GmbH & Co. KG]
Direct Link  https://www.schmersal.com/en/home
Logo SCHMERSAL - K.A. Schmersal GmbH & Co. KG

ESS32S2 Datasheet(HTML) 4 Page - K.A. Schmersal GmbH & Co. KG

  ESS32S2 Datasheet HTML 1Page - K.A. Schmersal GmbH & Co. KG ESS32S2 Datasheet HTML 2Page - K.A. Schmersal GmbH & Co. KG ESS32S2 Datasheet HTML 3Page - K.A. Schmersal GmbH & Co. KG ESS32S2 Datasheet HTML 4Page - K.A. Schmersal GmbH & Co. KG ESS32S2 Datasheet HTML 5Page - K.A. Schmersal GmbH & Co. KG ESS32S2 Datasheet HTML 6Page - K.A. Schmersal GmbH & Co. KG ESS32S2 Datasheet HTML 7Page - K.A. Schmersal GmbH & Co. KG ESS32S2 Datasheet HTML 8Page - K.A. Schmersal GmbH & Co. KG ESS32S2 Datasheet HTML 9Page - K.A. Schmersal GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 124 page
background image
4
History
Milestones 1945 – 2016
Startup of the new
central warehouse in 2013
Schmersal Brazil 1974
Schmersal China 2013
1945
The brothers Kurt Andreas Schmersal and Ernst Schmersal
form the company in Wuppertal.
1950s
The
product portfolio is continuously expanded. Many switchgears are used in safety related
applications such as in explosive areas.
1970s
Schmersal is one of the first companies to begin development and production of
electronic proximity switches.
1974
ACE Schmersal is formed in Boituva, Brazil.
1982
Generational change: Heinz and Stefan Schmersal take over the company from their fathers.
1997
ELAN Schaltelemente GmbH & Co. KG based in Wettenberg is acquired.
1999
The production facility
Schmersal Industrial Switchgear Co. Ltd (SISS) is formed
in Shanghai, China.
2007
Philip Schmersal joins the
third generation of the Schmersal Group.
2008
In October 2008 the Schmersal Group takes over
Safety Control GmbH and its
affiliate Protec GmbH in Mühldorf/Inn.
2013
Böhnke + Partner Steuerungssysteme GmbH is acquired.
Schmersal India becomes a production facility.
Startup of the new
European central warehouse in Wuppertal.
2015
In 2015, the Schmersal Group celebrated its
70th anniversary.
Michael Mandel is appointed
Managing Director of K.A. Schmersal GmbH & Co. KG
in April (Wuppertal/Wettenberg).
Schmersal Böhnke+Partner move into a
new production and office building
in Bergisch Gladbach.
2016
The Schmersal Group is establishing its own business area for services
under the name
tec.nicum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com