Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESS32S3 Datasheet(PDF) 72 Page - K.A. Schmersal GmbH & Co. KG

Part # ESS32S3
Description  Command and signalling devices
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHMERSAL [K.A. Schmersal GmbH & Co. KG]
Direct Link  https://www.schmersal.com/en/home
Logo SCHMERSAL - K.A. Schmersal GmbH & Co. KG

ESS32S3 Datasheet(HTML) 72 Page - K.A. Schmersal GmbH & Co. KG

Back Button ESS32S3 Datasheet HTML 68Page - K.A. Schmersal GmbH & Co. KG ESS32S3 Datasheet HTML 69Page - K.A. Schmersal GmbH & Co. KG ESS32S3 Datasheet HTML 70Page - K.A. Schmersal GmbH & Co. KG ESS32S3 Datasheet HTML 71Page - K.A. Schmersal GmbH & Co. KG ESS32S3 Datasheet HTML 72Page - K.A. Schmersal GmbH & Co. KG ESS32S3 Datasheet HTML 73Page - K.A. Schmersal GmbH & Co. KG ESS32S3 Datasheet HTML 74Page - K.A. Schmersal GmbH & Co. KG ESS32S3 Datasheet HTML 75Page - K.A. Schmersal GmbH & Co. KG ESS32S3 Datasheet HTML 76Page - K.A. Schmersal GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 124 page
background image
72
Command and signalling devices
Contact and lighting elements
Area of application
The Schmersal Group has developed its own contact systems for series E, N and R command
and signalling devices, which guarantee exceptional contacting even under the harshest ambient
conditions.
The command and signalling devices from the Avantgarde range are specially designed for the
needs of industrial applications. Quick efficient installation of the device with a knurled nut. A
contact carrier has been integrated directly on the command device so that the contact elements
can be pushed on and engaged on the command device easily without an additional mounting
flange. Also the contact elements are easy to install with a screwdriver or to remove with the
removing tool. This reduces expensive installation time to a minimum.
Design and
way of functioning
All the elements of the EF system have a special low-voltage-capable and self-cleaning four-way
contact bridge system. This is a twin contact bridge that works in-parallel as well as crosswise.
In this way, the fixed contact and the moveable contact bridge always achieve several contacts.
This ensures high levels of contact security that is enhanced by the shape of the fixed contacts.
Apart from this, the contacts have a self-cleaning function that removes oxide and dirt particles
before they are deposited and are able to affect operation of the switchgear.
The EF contact system can be supplied in four terminations:
■ Screw terminals
■ Cage clamp
■ Blade terminal
■ Direct mounting on PCB
The RF contact system is used with series R command devices. Installation is particularly user-
friendly as the RF contact system's mounting flange comprises of two parts and allows users to
pre-mount the contact elements, while the other part is used for fastening the device head and
subsequent attachment of the contact carrier. With this contact system, users have a free choice
of contacts, since the contact elements can be mounted on two levels.
The contact element of the type AF is specially designed for a time-saving device installation.
Thanks to the recessed guide rails, they are connected directly to the command device without a
contact carrier or similar. Thanks to the omission of an attachment or mounting flange, a very low
installation depth of under 40 mm is also achieved (emergency stop 47 mm).
Also the AF contact system is a modular contact system, that due to the doubling of the contacts
can accept up to five contact elements (different with emergency stop). This offers the machine
and plant manufacturer the possibility to decide how many NO or NC contacts are to be used and
installed. This modular contact system also contributes to a reduction in costs. Emergency stop
command devices can accept up to three contact elements. These are secured against popping
off with an additional safety plate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com