Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ILR-IW01-85SL-LEDIL-SC221 Datasheet(PDF) 2 Page - Intelligent LED Solutions

Part # ILR-IW01-85SL-LEDIL-SC221
Description  OSLON Black IR LEDiL Selector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILS [Intelligent LED Solutions]
Direct Link  https://i-led.co.uk/
Logo ILS - Intelligent LED Solutions

ILR-IW01-85SL-LEDIL-SC221 Datasheet(HTML) 2 Page - Intelligent LED Solutions

  ILR-IW01-85SL-LEDIL-SC221 Datasheet HTML 1Page - Intelligent LED Solutions ILR-IW01-85SL-LEDIL-SC221 Datasheet HTML 2Page - Intelligent LED Solutions ILR-IW01-85SL-LEDIL-SC221 Datasheet HTML 3Page - Intelligent LED Solutions ILR-IW01-85SL-LEDIL-SC221 Datasheet HTML 4Page - Intelligent LED Solutions ILR-IW01-85SL-LEDIL-SC221 Datasheet HTML 5Page - Intelligent LED Solutions ILR-IW01-85SL-LEDIL-SC221 Datasheet HTML 6Page - Intelligent LED Solutions ILR-IW01-85SL-LEDIL-SC221 Datasheet HTML 7Page - Intelligent LED Solutions ILR-IW01-85SL-LEDIL-SC221 Datasheet HTML 8Page - Intelligent LED Solutions ILR-IW01-85SL-LEDIL-SC221 Datasheet HTML 9Page - Intelligent LED Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
© IGS Version V1
+44 (0)1635 294606 | info@i-led.co.uk | https://i-led.co.uk
Intelligent LED Solutions, Unit 2, Berkshire Business Centre,
Berkshire Drive, Thatcham, Berkshire, RG19 4EW
A division of Intelligent Group Solutions Ltd
2 of 11
APPLICATIONS
» Prototyping
» Surveillance systems
» IR illumination for cameras
» Machine vision
» Night vision light
» Driver assistance systems
TECHNICAL FEATURES
LED Family
OSLON Black
Lifetime
Up to 100,000 hours lifetime to 70% of original brightness
Mounting
Mounting holes using M3 screws allow easy installation
Dimensions (L x W x H)
(L x W x H) 40 x 35 x 3 mm
Wiring
Available with 2 plug-in connectors
Secondary Optics
A secondary optic can be fitted. Suitable options on
page 7 or visit our website for a full range
Heatsinks
Required over 350mA. Suitable options on
page 7 or visit our our website for a full range
Power Supply
4 - 75W dimming and non dimming. Suitable options on
page 7 or visit our website for a full range
Chain
LEDiL Selectors can be linked together to produce longer chains
Current Range
10 to 1500mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com