Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IT-FIT-7/240/700-CS I Datasheet(PDF) 3 Page - Intelligent LED Solutions

Part # IT-FIT-7/240/700-CS I
Description  OSLON Black IR LEDiL Selector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILS [Intelligent LED Solutions]
Direct Link  https://i-led.co.uk/
Logo ILS - Intelligent LED Solutions

IT-FIT-7/240/700-CS I Datasheet(HTML) 3 Page - Intelligent LED Solutions

  IT-FIT-7/240/700-CS I Datasheet HTML 1Page - Intelligent LED Solutions IT-FIT-7/240/700-CS I Datasheet HTML 2Page - Intelligent LED Solutions IT-FIT-7/240/700-CS I Datasheet HTML 3Page - Intelligent LED Solutions IT-FIT-7/240/700-CS I Datasheet HTML 4Page - Intelligent LED Solutions IT-FIT-7/240/700-CS I Datasheet HTML 5Page - Intelligent LED Solutions IT-FIT-7/240/700-CS I Datasheet HTML 6Page - Intelligent LED Solutions IT-FIT-7/240/700-CS I Datasheet HTML 7Page - Intelligent LED Solutions IT-FIT-7/240/700-CS I Datasheet HTML 8Page - Intelligent LED Solutions IT-FIT-7/240/700-CS I Datasheet HTML 9Page - Intelligent LED Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
© IGS Version V1
+44 (0)1635 294606 | info@i-led.co.uk | https://i-led.co.uk
Intelligent LED Solutions, Unit 2, Berkshire Business Centre,
Berkshire Drive, Thatcham, Berkshire, RG19 4EW
A division of Intelligent Group Solutions Ltd
3 of 11
PRODUCT OPTIONS
ILS Part Number
IR centroid
wavelength
Radiant intensity IF = 1 A ,
tp = 10 ms
Forward Voltage
Radiance Angle
Relevant Stanley
LED Data
ILR-IN01-85SL-LEDIL-SC221.
850nm
1150mW/sr
3.15-3.5V
±25° (50°)
SFH4717AS
ILR-IO01-85SL-LEDIL-SC221.
850nm
900mW/sr
3.15-3.4V
±40° (80°)
SFH4715AS
ILR-IW01-85SL-LEDIL-SC221.
850nm
350mW/sr
3.15-3.4V
±75° (150°)
SFH4716AS
ILR-IN01-94SL-LEDIL-SC221.
940nm
1150mW/sr
2.9-3.4V
±25° (50°)
SFH4727AS
ILR-IO01-94SL-LEDIL-SC221.
940nm
900mW/sr
2.9-3.4V
±40° (80°)
SFH4725AS
ILR-IW01-94SL-LEDIL-SC221.
940nm
350mW/sr
2.9-3.4V
±75° (150°)
SFH4726AS
Due to the special conditions of the manufacturing processes of LEDs, the typical data of technical parameters can only reflect overall statistical figures, and do not
necessarily correspond to the actual parameters of each single product, which could differ from the typical data.
Tolerance +/- 10%
Measured with 10mS 1000mA pulse at 25˚C
MINIMUM AND MAXIMUM RATINGS
ILS Part Number
Operating Temperature at
Tc-Point [˚C]
Storage
Temperature [˚C]
Forward Current per chip [mA]
Reverse Voltage [Vdc]
ILR-IN01-85SL-LEDIL-SC221.
-40 °C ~ 125 °C
-40 °C ~ 125 °C
10-1500mA
5V
ILR-IO01-85SL-LEDIL-SC221.
-40 °C ~ 125 °C
-40 °C ~ 125 °C
10-1500mA
5V
ILR-IW01-85SL-LEDIL-SC221.
-40 °C ~ 125 °C
-40 °C ~ 125 °C
10-1500mA
5V
ILR-IN01-94SL-LEDIL-SC221.
-40 °C ~ 125 °C
-40 °C ~ 125 °C
10-1500mA
5V
ILR-IO01-94SL-LEDIL-SC221.
-40 °C ~ 125 °C
-40 °C ~ 125 °C
10-1500mA
5V
ILR-IW01-94SL-LEDIL-SC221.
-40 °C ~ 125 °C
-40 °C ~ 125 °C
10-1500mA
5V
Exceeding maximum ratings for operating and storage temperature will reduce expected life time or destroy the LED module.
Exceeding maximum ratings for operating voltage will cause hazardous overload and will likely destroy the LED module.
The temperature of the LED module must be measured at the Tc-Point according to EN60598-1 in a thermally constant status with a temperature sensor or a temperature
sensitive label.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com