Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA333BW Datasheet(PDF) 56 Page - STMicroelectronics

Part # STA333BW
Description  2.1-channel high-efficiency digital audio system
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333BW Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STA333BW Datasheet HTML 52Page - STMicroelectronics STA333BW Datasheet HTML 53Page - STMicroelectronics STA333BW Datasheet HTML 54Page - STMicroelectronics STA333BW Datasheet HTML 55Page - STMicroelectronics STA333BW Datasheet HTML 56Page - STMicroelectronics STA333BW Datasheet HTML 57Page - STMicroelectronics STA333BW Datasheet HTML 58Page - STMicroelectronics STA333BW Datasheet HTML 59Page - STMicroelectronics STA333BW Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 64 page
background image
Register description
STA333BW
56/64
6.12.21
Over-current post-scale
The STA333BW provides a simple mechanism for reacting to over-current detection in the
power-block. When the ocwarn input is asserted, the over-current post-scale value is used
in place of the normal post-scale value to provide output attenuation on all channels. The
default setting provides 3 dB of output attenuation when ocwarn is asserted.
The amount of attenuation to be applied in this situation can be adjusted by modifying the
Over-current Post-scale value. As with the normal post-scale, this scaling value is a 24-bit
signed fractional multiplier, with 0x800000 = -1 and 0x7FFFFF = 0.9999998808. By default,
the over-current post-scale factor is set to 0x5A9DF7. Once the over-current attenuation is
applied, it remains until the device is reset.
Table 30.
RAM block for biquads, mixing, scaling and bass management
Index (Hex)
Coefficient
Default
0x00
Channel 1, Biquad 1
C1H10(b1/2)
0x000000
0x01
C1H11(b2)
0x000000
0x02
C1H12(a1/2)
0x000000
0x03
C1H13(a2)
0x000000
0x04
C1H14(b0/2)
0x400000
0x05
Channel 1, Biquad 2
C1H20
0x000000
……
…
…
0x13
Channel 1, Biquad 4
C1H44
0x400000
0x14
Channel 2, Biquad 1
C2H10
0x000000
0x15
C2H11
0x000000
……
…
…
0x27
Channel 2, Biquad 4
C2H44
0x400000
0x28
Hi-Pass 2nd Order Filter
for XO=000
C12H0(b1/2)
0x000000
0x29
C12H1(b2)
0x000000
0x2A
C12H2(a1/2)
0x000000
0x2B
C12H3(a2)
0x000000
0x2C
C12H4(b0/2)
0x400000
0x2D
Lo-Pass 2nd Order Filter
for XO=000
C3H0(b1/2)
0x000000
0x2E
C3H1(b2)
0x000000
0x2F
C3H2(a1/2)
0x000000
0x30
C3H3(a2)
0x000000
0x31
C3H4(b0/2)
0x400000
0x32
Channel 1, Pre-Scale
C1PreS
0x7FFFFF
0x33
Channel 2, Pre-Scale
C2PreS
0x7FFFFF
0x34
Channel 1, Post-Scale
C1PstS
0x7FFFFF
0x35
Channel 2, Post-Scale
C2PstS
0x7FFFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com