Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC2G126DCUT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G126DCUT
Description  DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G126DCUT Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC2G126DCUT Datasheet HTML 1Page - Texas Instruments SN74LVC2G126DCUT Datasheet HTML 2Page - Texas Instruments SN74LVC2G126DCUT Datasheet HTML 3Page - Texas Instruments SN74LVC2G126DCUT Datasheet HTML 4Page - Texas Instruments SN74LVC2G126DCUT Datasheet HTML 5Page - Texas Instruments SN74LVC2G126DCUT Datasheet HTML 6Page - Texas Instruments SN74LVC2G126DCUT Datasheet HTML 7Page - Texas Instruments SN74LVC2G126DCUT Datasheet HTML 8Page - Texas Instruments SN74LVC2G126DCUT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.ti.com
FEATURES
Seemechanicaldrawingsfordimensions.
DCTPACKAGE
(TOP VIEW)
DCUPACKAGE
(TOP VIEW)
YZP PACKAGE
(BOTTOMVIEW)
1
V
CC
8
1OE
2
7
1A
2OE
3
6
2Y
1Y
4
5
GND
2A
3
6
1Y
2Y
8
1
V
CC
1OE
5
GND
4
2A
2
7
2OE
1A
GND
5
4
2A
3 6
1Y
2Y
2 7
2OE
1A
8
V
CC
1
1OE
DESCRIPTION/ORDERING INFORMATION
SN74LVC2G126
DUAL BUS BUFFER GATE
WITH 3-STATE OUTPUTS
SCES205J – APRIL 1999 – REVISED JANUARY 2007
• Available in the Texas Instruments
• I
off Supports Partial-Power-Down Mode
NanoFree™ Package
Operation
• Supports 5-V V
CC Operation
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• Inputs Accept Voltages to 5.5 V
• ESD Protection Exceeds JESD 22
• Max t
pd of 4 ns at 3.3 V
–
2000-V Human-Body Model (A114-A)
• Low Power Consumption, 10-µA Max I
CC
–
200-V Machine Model (A115-A)
• ±24-mA Output Drive at 3.3 V
–
1000-V Charged-Device Model (C101)
• Typical V
OLP (Output Ground Bounce)
<0.8 V at V
CC = 3.3 V, TA = 25°C
• Typical V
OHV (Output VOH Undershoot)
>2 V at V
CC = 3.3 V, TA = 25°C
This dual bus buffer gate is designed for 1.65-V to 5.5-V VCC operation.
NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the die as the
package.
The SN74LVC2G126 is a dual bus driver/line driver with 3-state outputs. The outputs are disabled when the
associated output-enable (OE) input is low.
To ensure the high-impedance state during power up or power down, OE should be tied to GND through a
pulldown resistor; the minimum value of the resistor is determined by the current-sourcing capability of the
driver.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
NanoFree™ – WCSP (DSBGA)
Reel of 3000
SN74LVC2G126YZPR
_ _ _CN_
0.23-mm Large Bump – YZP (Pb-free)
SSOP – DCT
Reel of 3000
SN74LVC2G126DCTR
C26_ _ _
–40
°C to 85°C
Reel of 3000
SN74LVC2G126DCUR
VSSOP – DCU
C26_
Reel of 250
SN74LVC2G126DCUT
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DCT: The actual top-side marking has three additional characters that designate the year, month, and assembly/test site.
DCU: The actual top-side marking has one additional character that designates the assembly/test site.
YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
• = Pb-free).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoFree is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC2G126DCUT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G126DCUT TI-SN74LVC2G126DCUT Datasheet
334Kb / 13P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G126DCUT TI-SN74LVC2G126DCUT Datasheet
824Kb / 15P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVC2G126DCUT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC2G125 TI-SN74AUC2G125 Datasheet
263Kb / 12P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AUC2G126 TI-SN74AUC2G126 Datasheet
261Kb / 12P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G125-Q1 TI-SN74LVC2G125-Q1 Datasheet
138Kb / 8P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AUC2G125 TI-SN74AUC2G125_09 Datasheet
553Kb / 14P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G126-EP TI1-SN74LVC2G126-EP Datasheet
767Kb / 13P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC2G125 UTC-U74LVC2G125_15 Datasheet
199Kb / 6P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74LVC2G125 TI1-SN74LVC2G125_16 Datasheet
925Kb / 22P
Dual Bus Buffer Gate With 3-State Outputs
SN74AHC2G125 TI1-SN74AHC2G125 Datasheet
87Kb / 6P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AHC2G126 TI1-SN74AHC2G126 Datasheet
86Kb / 6P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G125 TI1-SN74LVC2G125_18 Datasheet
1Mb / 27P
Dual Bus Buffer Gate With 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com