Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M41T00 Datasheet(PDF) 3 Page - STMicroelectronics

Part # M41T00
Description  Serial Access TIMEKEEPER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00 Datasheet(HTML) 3 Page - STMicroelectronics

  M41T00 Datasheet HTML 1Page - STMicroelectronics M41T00 Datasheet HTML 2Page - STMicroelectronics M41T00 Datasheet HTML 3Page - STMicroelectronics M41T00 Datasheet HTML 4Page - STMicroelectronics M41T00 Datasheet HTML 5Page - STMicroelectronics M41T00 Datasheet HTML 6Page - STMicroelectronics M41T00 Datasheet HTML 7Page - STMicroelectronics M41T00 Datasheet HTML 8Page - STMicroelectronics M41T00 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3/15
M41T00
Table 3. Register Map
Note: 1. When CEB is set to ’1’, CB will toggle from ’0’ to ’1’ or from ’1’ to ’0’ at the turn of the century (dependent upon the initial value set).
When CEB is set to ’0’, CB will not toggle.
Address
Data
Function/Range
BCD Format
D7
D6
D5
D4
D3
D2
D1
D0
0
ST
10 Seconds
Seconds
Seconds
00-59
1
X
10 Minutes
Minutes
Minutes
00-59
2
CEB (1)
CB
10 Hours
Hours
Century/Hour
0-1/00-23
3
XXXXX
Day
Day
01-07
4
X
X
10 Date
Date
Date
01-31
5
X
X
X
10 M.
Month
Month
01-12
6
10 Years
Years
Year
00-99
7
OUT
FT
S
Calibration
Control
Figure 3. Block Diagram
AI00603
SECONDS
OSCILLATOR
32.768 kHz
VOLTAGE
SENSE and
SWITCH
CIRCUITRY
SERIAL
BUS
INTERFACE
DIVIDER
CONTROL
LOGIC
ADDRESS
REGISTER
MINUTES
CENTURY/HOURS
DAY
DATE
MONTH
YEAR
CONTROL
OSCI
OSCO
FT/OUT
VCC
VSS
VBAT
SCL
SDA
1 Hz
Keys:
S = SIGN Bit
FT = FREQUENCY TEST Bit
ST = STOP Bit
OUT = Output level
X = Don’t care
CEB = Century Enable Bit
CB = Century Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com