Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M41T56 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M41T56
Description  512 bit 64b x8 Serial Access TIMEKEEPER SRAM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T56 Datasheet(HTML) 1 Page - STMicroelectronics

  M41T56 Datasheet HTML 1Page - STMicroelectronics M41T56 Datasheet HTML 2Page - STMicroelectronics M41T56 Datasheet HTML 3Page - STMicroelectronics M41T56 Datasheet HTML 4Page - STMicroelectronics M41T56 Datasheet HTML 5Page - STMicroelectronics M41T56 Datasheet HTML 6Page - STMicroelectronics M41T56 Datasheet HTML 7Page - STMicroelectronics M41T56 Datasheet HTML 8Page - STMicroelectronics M41T56 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
October 2006
Rev 5
1/28
1
M41T56
Serial Real Time Clock with 56 bytes NVRAM
Feature summary
■
Counters for seconds, minutes, hours, day,
date, month, years, and century
■
32 KHz crystal oscillator integrating load
capacitance (12.5pF) providing exceptional
oscillator stability and high crystal series
resistance operation
■
Serial interface supports I2C Bus (400kHz
protocol)
■
Ultra-low battery supply current of 450nA
(typ@3V)
■
5V ±10% supply voltage
■
Timekeeping down to 2.5V
■
Automatic power-fail detect and switch circuitry
■
56 bytes of general purpose RAM
■
Software clock calibration to compensate
crystal deviation due to temperature
■
Automatic leap year compensation
■
Operating temperature of –40 to 85°C
■
Packaging options include:
– 28-lead SOIC and SNAPHAT® TOP (to be
ordered separately)
–SO8N
8
1
SO8N (M) 150mil width
28
1
SNAPHAT (SH) battery & crystal
SOH28 (MH)
www.st.com


Similar Part No. - M41T56

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T56 STMICROELECTRONICS-M41T56 Datasheet
222Kb / 25P
Serial real-time clock with 56 bytes NVRAM
13-Dec-2007
M41T56 STMICROELECTRONICS-M41T56 Datasheet
482Kb / 27P
Serial real-time clock (RTC) with 56 bytes NVRAM
06-Dec-2011
M41T56C64 STMICROELECTRONICS-M41T56C64 Datasheet
153Kb / 19P
Serial Real Time Clock with 56 bytes of NVRAM64 Kbit (8192 bit x 8) EEPROM
22-Sep-2006
M41T56C64MY6E STMICROELECTRONICS-M41T56C64MY6E Datasheet
153Kb / 19P
Serial Real Time Clock with 56 bytes of NVRAM64 Kbit (8192 bit x 8) EEPROM
22-Sep-2006
M41T56C64MY6F STMICROELECTRONICS-M41T56C64MY6F Datasheet
153Kb / 19P
Serial Real Time Clock with 56 bytes of NVRAM64 Kbit (8192 bit x 8) EEPROM
22-Sep-2006
More results

Similar Description - M41T56

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T00 STMICROELECTRONICS-M41T00 Datasheet
99Kb / 15P
Serial Access TIMEKEEPER
15-May-2000
M41T94 STMICROELECTRONICS-M41T94 Datasheet
433Kb / 31P
512 Bit 64 bit x8 SERIAL RTC SPI SRAM
Rev. 2.0
M48T02 STMICROELECTRONICS-M48T02 Datasheet
94Kb / 15P
16 Kbit 2Kb x8 TIMEKEEPER[ SRAM
Nov-1998
M48T128Y STMICROELECTRONICS-M48T128Y Datasheet
340Kb / 22P
3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
07-Aug-2002
M48T35 STMICROELECTRONICS-M48T35 Datasheet
142Kb / 18P
256 Kbit 32Kb x8 TIMEKEEPER SRAM
07-Feb-2000
M48T35AY STMICROELECTRONICS-M48T35AY Datasheet
148Kb / 19P
256 Kbit 32Kb x8 TIMEKEEPER SRAM
29-May-2000
M48T39Y STMICROELECTRONICS-M48T39Y Datasheet
30Kb / 4P
256 Kb 32K x8 TIMEKEEPER SRAM
Jan-1998
M48T58 STMICROELECTRONICS-M48T58 Datasheet
135Kb / 17P
64 Kbit 8Kb x8 TIMEKEEPER SRAM
Jul-1999
M48T59 STMICROELECTRONICS-M48T59 Datasheet
168Kb / 21P
64 Kbit 8Kb x8 TIMEKEEPER SRAM
Oct-1999
MK41T56 STMICROELECTRONICS-MK41T56 Datasheet
102Kb / 15P
512 bit 64b x8 Serial Access TIMEKEEPER SRAM
Mar-1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com