Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC0801DZN-F Datasheet(PDF) 57 Page - Powertip Technology

Part # PC0801DZN-F
Description  OUTLINE DIMENSION & BLOCK DIAGRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PC0801DZN-F Datasheet(HTML) 57 Page - Powertip Technology

Back Button PC0801DZN-F Datasheet HTML 53Page - Powertip Technology PC0801DZN-F Datasheet HTML 54Page - Powertip Technology PC0801DZN-F Datasheet HTML 55Page - Powertip Technology PC0801DZN-F Datasheet HTML 56Page - Powertip Technology PC0801DZN-F Datasheet HTML 57Page - Powertip Technology PC0801DZN-F Datasheet HTML 58Page - Powertip Technology PC0801DZN-F Datasheet HTML 59Page - Powertip Technology PC0801DZN-F Datasheet HTML 60Page - Powertip Technology PC0801DZN-F Datasheet HTML 61Page - Powertip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 65 page
background image
ST7066U
V2.0
2001/03/01
34/42
!"
Absolute Maximum Ratings
Characteristics
Symbol
Value
Power Supply Voltage
VCC
-0.3 to +7.0
LCD Driver Voltage
VLCD
VCC-10.0 to VCC+0.3
Input Voltage
VIN
-0.3 to VCC+0.3
Operating Temperature
TA
-40
oC to + 90oC
Storage Temperature
TSTO
-55
oC to + 125oC
!"
DC Characteristics
( TA = 25℃ , VCC = 2.7 V – 4.5 V )
Symbol Characteristics
Test Condition
Min.
Typ. Max.
Unit
VCC
Operating Voltage
-
2.7
-
4.5
V
VLCD
LCD Voltage
VCC-V5
3.0
-
10.0
V
ICC
Power Supply Current
fOSC = 270KHz
VCC=3.0V
-
0.1
0.25
mA
VIH1
Input High Voltage
(Except OSC1)
-
0.7Vcc
-
VCC
V
VIL1
Input Low Voltage
(Except OSC1)
-
- 0.3
-
0.6
V
VIH2
Input High Voltage
(OSC1)
-
0.7Vcc
-
VCC
V
VIL2
Input Low Voltage
(OSC1)
-
-
-
0.2Vcc
V
VOH1
Output High Voltage
(DB0 - DB7)
IOH = -0.1mA
0.75
Vcc
-
-
V
VOL1
Output Low Voltage
(DB0 - DB7)
IOL = 0.1mA
-
-
0.2Vcc
V
VOH2
Output High Voltage
(Except DB0 - DB7)
IOH = -0.04mA
0.8VCC
-
VCC
V
VOL2
Output Low Voltage
(Except DB0 - DB7)
IOL = 0.04mA
-
-
0.2VCC
V
RCOM
Common Resistance
VLCD = 4V, Id = 0.05mA
-
2
20
K
Ω
RSEG
Segment Resistance
VLCD = 4V, Id = 0.05mA
-
2
30
K
Ω
ILEAK
Input Leakage
Current
VIN = 0V to VCC
-1
-
1
µA
IPUP
Pull Up MOS Current
VCC = 3V
-10
-50
-120
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com