Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DI79L12DAB Datasheet(PDF) 11 Page - Diotec Semiconductor

Part # DI79L12DAB
Description  Negative Fixed Voltage Regulators Negativ Festspannungs-Regler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

DI79L12DAB Datasheet(HTML) 11 Page - Diotec Semiconductor

Back Button DI79L12DAB Datasheet HTML 4Page - Diotec Semiconductor DI79L12DAB Datasheet HTML 5Page - Diotec Semiconductor DI79L12DAB Datasheet HTML 6Page - Diotec Semiconductor DI79L12DAB Datasheet HTML 7Page - Diotec Semiconductor DI79L12DAB Datasheet HTML 8Page - Diotec Semiconductor DI79L12DAB Datasheet HTML 9Page - Diotec Semiconductor DI79L12DAB Datasheet HTML 10Page - Diotec Semiconductor DI79L12DAB Datasheet HTML 11Page - Diotec Semiconductor DI79L12DAB Datasheet HTML 12Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
DI79LxxDAB
Dimensions - Maße [mm]
Application note
Applikationshinweis
Fig. 1 Typical application
circuit for DI79LxxDAB
Fig. 1 Typische
Anwendungsschaltung für
DI79LxxDAB
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
© Diotec Semiconductor AG
http://www.diotec.com/
11
V
IN
V
OUT
DI79Lxx
GND
V
IN
V
OUT
0.1µF
0.33µF
Output Voltage vs. Junction temp. (Typ.)
Ausgangsspannung vs. Sperrschichttemp. (Typ.)
0
V
OUT
[V]
[°C]
100
150
0
50
T
J
DI78L12DAB
3
6
9
12
15
DI78L05DAB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com