Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M41T94 Datasheet(PDF) 10 Page - STMicroelectronics

Part # M41T94
Description  512 Bit 64 bit x8 SERIAL RTC SPI SRAM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T94 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M41T94 Datasheet HTML 6Page - STMicroelectronics M41T94 Datasheet HTML 7Page - STMicroelectronics M41T94 Datasheet HTML 8Page - STMicroelectronics M41T94 Datasheet HTML 9Page - STMicroelectronics M41T94 Datasheet HTML 10Page - STMicroelectronics M41T94 Datasheet HTML 11Page - STMicroelectronics M41T94 Datasheet HTML 12Page - STMicroelectronics M41T94 Datasheet HTML 13Page - STMicroelectronics M41T94 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
M41T94
10/31
Table 6. DC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = –40 to 85°C; VCC = 2.7 to 5.5V (except where noted).
2. RSTIN1 and RSTIN2 internally pulled-up to VCC through 100KΩ resistor. WDI internally pulled-down to VSS through 100KΩ resistor.
3. Outputs Deselected.
4. For SQW pin (CMOS).
5. For IRQ/FT/OUT, RST pins (Open Drain): if pulled-up to supply other than VCC, this supply must be equal to, or less than 3.0V when
VCC = 0V (during battery back-up mode).
6. For rechargeable back-up, VBAT (max) may be considered VCC.
Table 7. Crystal Electrical Characteristics (Externally Supplied)
Note: 1. Load capacitors are integrated within the M41T94. Circuit board layout considerations for the 32.768 kHz crystal of minimum trace
lengths and isolation from RF generating signals should be taken into account. These characteristics are externally supplied.
2. STMicroelectronics recommends the KDS DT-38: 1TA/1TC252E127, Tuning Fork Type (thru-hole) or the DMX-26S:
1TJS125FH2A212, (SMD) quartz crystal for industrial temperature operations. KDS can be contacted at kouhou@kdsj.co.jp or ht-
tp://www.kdsj.co.jp for further information on this crystal type.
Symb.
Parameter
Test Condition(1)
Min
Typ
Max
Unit
IBAT
Battery Current OSC ON
TA = 25°C, VCC = 0V,
VBAT = 3V
400
500
nA
Battery Current OSC OFF
50
nA
ICC1
Supply Current
f = 2 MHz
2
mA
ICC2
Supply Current (Standby)
SCL, SDI = VCC – 0.3V
1.4
mA
ILI
(2)
Input Leakage Current
0V
≤ VIN ≤ VCC
±1
µA
ILO
(3)
Output Leakage Current
0V
≤ VOUT ≤ VCC
±1
µA
VIH
Input High Voltage
0.7VCC
VCC + 0.3
V
VIL
Input Low Voltage
–0.3
0.3VCC
V
VBAT
Battery Voltage
2.5
3.5(6)
V
VOH
Output High Voltage(4)
IOH = –1.0mA
2.4
V
VOL
Output Low Voltage(4)
IOL = 3.0mA
0.4
V
Output Low Voltage (Open Drain)(5)
IOL = 10mA
0.4
VPFD
Power Fail Deselect (THS = VCC)
4.20
4.40
4.50
V
Power Fail Deselect (THS = VSS)
2.55
2.60
2.70
VSO
Battery Back-up Switchover
2.5
V
Symbol
Parameter(1,2)
Typ
Min
Max
Unit
f0
Resonant Frequency
32.768
kHz
RS
Series Resistance
50
k
Ω
CL
Load Capacitance
12.5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com