Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M48T02 Datasheet(PDF) 9 Page - STMicroelectronics

Part # M48T02
Description  16 Kbit 2Kb x8 TIMEKEEPER[ SRAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T02 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M48T02 Datasheet HTML 5Page - STMicroelectronics M48T02 Datasheet HTML 6Page - STMicroelectronics M48T02 Datasheet HTML 7Page - STMicroelectronics M48T02 Datasheet HTML 8Page - STMicroelectronics M48T02 Datasheet HTML 9Page - STMicroelectronics M48T02 Datasheet HTML 10Page - STMicroelectronics M48T02 Datasheet HTML 11Page - STMicroelectronics M48T02 Datasheet HTML 12Page - STMicroelectronics M48T02 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
DATA RETENTION MODE
With valid VCC applied, the M48T02/12 operates as
a conventionalBYTEWIDE static RAM. Should the
supply voltage decay, the RAM will automatically
power-faildeselect,write protectingitself when VCC
falls within the VPFD(max), VPFD(min) window. All
outputsbecome high impedance, and all inputs are
treated as ”don’t care.”
Note: A power failure during a write cycle may
corrupt data at the currently addressed location,
but does not jeopardize the rest of the RAM’s
content.At voltagesbelow VPFD(min), the user can
be assured the memory will be in a write protected
state, provided the VCC fall time is not less than tF.
The M48T02/12 may respond to transient noise
spikes on VCC that reach into the deselect window
during the time the device is sampling VCC. There-
fore, decoupling of the power supply lines is rec-
ommended.
The power switching circuit connects external VCC
to the RAM and disconnects the battery when VCC
rises above VSO.As VCC rises, the battery voltage
is checked. If the voltage is too low, an internal
Battery Not OK (BOK) flag will be set. The BOKflag
can be checked after power up. If the BOK flag is
set, the first write attempted will be blocked. The
flag is automatically cleared after the first write, and
normal RAM operation resumes. Figure 9 illus-
trates how a BOK check routine could be struc-
tured.
For more information on a Battery Storage Life
refer to the Application Note AN1012.
CLOCK OPERATIONS
Reading the Clock
Updates to the TIMEKEEPER registers should be
halted before clock data is read to prevent reading
data in transition. Because the BiPORT TIME-
KEEPER cells in the RAM array are only data
registers, and not the actual clock counters, updat-
ing the registers can be halted without disturbing
the clock itself.
Updatingis halted when a ’1’ is written to the READ
bit, the seventh bit in the control register. As long
as a ’1’ remains in that position, updating is halted.
After a halt is issued, the registersreflect the count;
that is, the day, date, and the time that were current
at the moment the halt command was issued.
All of the TIMEKEEPER registers are updated si-
multaneously. A halt will not interrupt an update in
progress.Updating is withina secondafter the read
bit is reset to a ’0’.
Setting the Clock
The eighth bit of the control register is the WRITE
bit. Setting the WRITE bit to a ’1’, like the READ bit,
halts updates to the TIMEKEEPER registers. The
user can then load them with the correct day, date,
and time data in 24 hour BCD format (see Table
10). Resetting the WRITE bit to a ’0’ then transfers
the values of all time registers (7F9h-7FFh) to the
actual TIMEKEEPER counters and allows normal
operationto resume.The FT bit and the bits marked
as ’0’ in Table 10 must be written to ’0’ to allow for
normal TIMEKEEPER and RAM operation.
See the Application Note AN923 ”TIMEKEEPER
rolling into the 21st century” for more information
on Century Rollover.
READ DATA
AT ANY ADDRESS
AI00607
IS DATA
COMPLEMENT
OF FIRST
READ?
(BATTERY OK)
POWER-UP
YES
NO
WRITE DATA
COMPLEMENT BACK
TO SAME ADDRESS
READ DATA
AT SAME
ADDRESS AGAIN
NOTIFY SYSTEM
OF LOW BATTERY
(DATA MAY BE
CORRUPTED)
WRITE ORIGINAL
DATA BACK TO
SAME ADDRESS
(BATTERY LOW)
CONTINUE
Figure 9. Checking the BOK Flag Status
9/15
M48T02, M48T12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com