Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M41ST84YMQ1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M41ST84YMQ1
Description  5.0 or 3.0V, 512 bit 64 x 8 SERIAL RTC with SUPERVISORY FUNCTIONS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST84YMQ1 Datasheet(HTML) 1 Page - STMicroelectronics

  M41ST84YMQ1 Datasheet HTML 1Page - STMicroelectronics M41ST84YMQ1 Datasheet HTML 2Page - STMicroelectronics M41ST84YMQ1 Datasheet HTML 3Page - STMicroelectronics M41ST84YMQ1 Datasheet HTML 4Page - STMicroelectronics M41ST84YMQ1 Datasheet HTML 5Page - STMicroelectronics M41ST84YMQ1 Datasheet HTML 6Page - STMicroelectronics M41ST84YMQ1 Datasheet HTML 7Page - STMicroelectronics M41ST84YMQ1 Datasheet HTML 8Page - STMicroelectronics M41ST84YMQ1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
1/31
June 2003
Rev. 4.0
M41ST84Y
M41ST84W
5.0 or 3.0V, 512 bit (64 x 8) SERIAL RTC
with SUPERVISORY FUNCTIONS
* Contact Local Sales Office
FEATURES SUMMARY
s
5.0 OR 3.0V OPERATING VOLTAGE
s
SERIAL INTERFACE SUPPORTS I2C BUS
(400 KHz)
s
OPTIMIZED FOR MINIMAL INTERCONNECT
TO MCU
s
2.5 TO 5.5V OSCILLATOR OPERATING
VOLTAGE
s
AUTOMATIC SWITCH-OVER and DESELECT
CIRCUITRY
s
CHOICE OF POWER-FAIL DESELECT
VOLTAGES:
– M41ST84Y: VCC = 4.5 to 5.5V;
4.20V
≤ VPFD ≤ 4.50V
– M41ST84W: VCC = 2.7 to 3.6V;
2.55V
≤ VPFD ≤ 2.70V
s
1.25V REFERENCE (for PFI/PFO)
s
COUNTERS FOR TENTHS/HUNDREDTHS
OF SECONDS, SECONDS, MINUTES,
HOURS, DAY, DATE, MONTH, YEAR, and
CENTURY
s
44 BYTES OF GENERAL PURPOSE RAM
s
PROGRAMMABLE ALARM and INTERRUPT
FUNCTION (VALID EVEN DURING BATTERY
BACK-UP MODE)
s
WATCHDOG TIMER
s
MICROPROCESSOR POWER-ON RESET
s
BATTERY LOW FLAG
s
ULTRA-LOW BATTERY SUPPLY CURRENT
OF 500 nA (max)
s
OPTIONAL PACKAGING INCLUDES A 28-
LEAD SOIC and SNAPHAT® TOP (to be
ordered separately)
s
SNAPHAT PACKAGE PROVIDES DIRECT
CONNECTION FOR A SNAPHAT TOP,
WHICH CONTAINS THE BATTERY and
CRYSTAL
Figure 1. 16-pin SOIC Package
Figure 2. 28-pin SOIC Package*
16
1
SO16 (MQ)
28
1
SOH28 (MH)
SNAPHAT (SH)
Battery & Crystal


Similar Part No. - M41ST84YMQ1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41ST84W STMICROELECTRONICS-M41ST84W Datasheet
481Kb / 29P
3.0/3.3V I2C Serial RTC with Supervisory Functions
Jan-2006
M41ST84W STMICROELECTRONICS-M41ST84W Datasheet
302Kb / 34P
3.0/3.3 V I2C serial RTC with 44 bytes of NVRAM and supervisory functions
28-Aug-2008
M41ST84WMQ6 STMICROELECTRONICS-M41ST84WMQ6 Datasheet
481Kb / 29P
3.0/3.3V I2C Serial RTC with Supervisory Functions
Jan-2006
M41ST84WMQ6E STMICROELECTRONICS-M41ST84WMQ6E Datasheet
481Kb / 29P
3.0/3.3V I2C Serial RTC with Supervisory Functions
Jan-2006
M41ST84WMQ6E STMICROELECTRONICS-M41ST84WMQ6E Datasheet
302Kb / 34P
3.0/3.3 V I2C serial RTC with 44 bytes of NVRAM and supervisory functions
28-Aug-2008
More results

Similar Description - M41ST84YMQ1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41ST85Y STMICROELECTRONICS-M41ST85Y Datasheet
530Kb / 34P
5.0 OR 3.0V, 512 bit 64 x 8 SERIAL RTC and NVRAM SUPERVISOR
Sep-2004
M41T94 STMICROELECTRONICS-M41T94 Datasheet
433Kb / 31P
512 Bit 64 bit x8 SERIAL RTC SPI SRAM
Rev. 2.0
ST93C66 STMICROELECTRONICS-ST93C66 Datasheet
107Kb / 13P
4K 256 x 16 or 512 x 8 SERIAL MICROWIRE EEPROM
Jul-1997
logo
Advanced Micro Devices
AM27C512 AMD-AM27C512 Datasheet
168Kb / 12P
512 Kilobit (64 K x 8-Bit) CMOS EPROM
logo
STMicroelectronics
M41ST87W STMICROELECTRONICS-M41ST87W Datasheet
733Kb / 42P
5.0, 3.3, or 3.0V, 1280 bit (160 x8) Secure Serial RTC and NVRAM Supervisor with Tamper Detection
Mar-2006
M41ST95W STMICROELECTRONICS-M41ST95W Datasheet
545Kb / 35P
5.0 or 3.0V, 512 bit (64 bit X 8) Serial RTC (SPI) SRAM and NVRAM Supervisor
Sep-2004
M41ST84W STMICROELECTRONICS-M41ST84W Datasheet
481Kb / 29P
3.0/3.3V I2C Serial RTC with Supervisory Functions
Jan-2006
M41ST84W STMICROELECTRONICS-M41ST84W_08 Datasheet
302Kb / 34P
3.0/3.3 V I2C serial RTC with 44 bytes of NVRAM and supervisory functions
28-Aug-2008
logo
Cypress Semiconductor
CY14B512Q1 CYPRESS-CY14B512Q1_13 Datasheet
1Mb / 27P
512-Kbit (64 K x 8) Serial (SPI) nvSRAM
CY14C512J CYPRESS-CY14C512J_13 Datasheet
1Mb / 30P
512-Kbit (64 K x 8) Serial (I2C) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com