Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M41T94MQ6 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M41T94MQ6
Description  512 Bit 64 bit x8 SERIAL RTC SPI SRAM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T94MQ6 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M41T94MQ6 Datasheet HTML 3Page - STMicroelectronics M41T94MQ6 Datasheet HTML 4Page - STMicroelectronics M41T94MQ6 Datasheet HTML 5Page - STMicroelectronics M41T94MQ6 Datasheet HTML 6Page - STMicroelectronics M41T94MQ6 Datasheet HTML 7Page - STMicroelectronics M41T94MQ6 Datasheet HTML 8Page - STMicroelectronics M41T94MQ6 Datasheet HTML 9Page - STMicroelectronics M41T94MQ6 Datasheet HTML 10Page - STMicroelectronics M41T94MQ6 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
7/31
M41T94
Table 2. Function Table
Note: 1. SDO remains at High Z until eight bits of data are ready to be shifted out during a READ.
Figure 8. Data and Clock Timing
Signal Description
Serial Data Output (SDO). The
output
pin
is
used to transfer data serially out of the Memory.
Data is shifted out on the falling edge of the serial
clock.
Serial Data Input (SDI). The input pin is used to
transfer data serially into the device. Instructions,
addresses, and the data to be written, are each re-
ceived this way. Input is latched on the rising edge
of the serial clock.
Serial Clock (SCL). The serial clock provides the
timing for the serial interface (as shown in Figure
10, page 12 and Figure 11, page 12). The W/R Bit,
addresses, or data are latched, from the input pin,
on the rising edge of the clock input. The output
data on the SDO pin changes state after the falling
edge of the clock input.
The M41T94 can be driven by a microcontroller
with its SPI peripheral running in either of the two
following modes:
(CPOL, CPHA) = ('0', '0') or
(CPOL, CPHA) = ('1', '1').
For these two modes, input data (SDI) is latched in
by the low-to-high transition of clock SCL, and out-
put data (SDO) is shifted out on the high-to-low
transition of SCL (see Table 2, page 7 and Figure
8, page 7).
Chip Enable (E). When E is high, the memory
device is deselected, and the SDO output pin is
held in its high impedance state.
After power-on, a high-to-low transition on E is re-
quired prior to the start of any operation.
Mode
E
SCL
SDI
SDO
Disable Reset
H
Input Disabled
Input Disabled
High Z
WRITE
L
Data Bit latch
High Z
READ
L
X
Next data bit shift (1)
AI04630
AI04631
AI04632
C
C
MSB
LSB
CPHA
SDI
0
1
CPOL
0
1
MSB
LSB
SDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com